Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54340 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54340
Description  TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54340 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54340_15 Datasheet HTML 3Page - Texas Instruments TPS54340_15 Datasheet HTML 4Page - Texas Instruments TPS54340_15 Datasheet HTML 5Page - Texas Instruments TPS54340_15 Datasheet HTML 6Page - Texas Instruments TPS54340_15 Datasheet HTML 7Page - Texas Instruments TPS54340_15 Datasheet HTML 8Page - Texas Instruments TPS54340_15 Datasheet HTML 9Page - Texas Instruments TPS54340_15 Datasheet HTML 10Page - Texas Instruments TPS54340_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
20
30
40
50
60
70
80
90
100
110
120
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
C033
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
C034
200
250
300
350
400
450
500
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
C032
0
500
1000
1500
2000
2500
0
50
100
150
200
RT/CLK − Resistance (k
Ω)
G007
450
460
470
480
490
500
510
520
530
540
550
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
C029
0
50
100
150
200
250
300
350
400
450
500
200
300
400
500
600
700
800
900
1000
RT/CLK - Resistance (k
)
C030
TPS54340
www.ti.com
SLVSBK0B – OCTOBER 2012 – REVISED MARCH 2014
Typical Characteristics (continued)
VIN = 12 V
RT = 200 kΩ
ƒsw (kHz) = 92417 x RT (kΩ)
-0.991
RT (kΩ) = 101756 x ƒsw (kHz)
-1.008
Figure 6. Switching Frequency vs Junction Temperature
Figure 7. Switching Frequency vs RT/CLK Resistance
Low Frequency Range
VIN = 12V
VIN = 12 V
Figure 8. Switching Frequency vs RT/CLK Resistance
Figure 9. EA Transconductance vs Junction Temperature
High Frequency Range
VIN = 12 V
VIN = 12 V
Figure 10. EA Transconductance During Soft-Start vs
Figure 11. EN Terminal Voltage vs Junction Temperature
Junction Temperature
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54340


Similar Part No. - TPS54340_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340BDDA TI1-TPS54340BDDA Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results

Similar Description - TPS54340_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54240 TI-TPS54240_15 Datasheet
2Mb / 56P
[Old version datasheet]   TPS54240 3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com