Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54332DDA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54332DDA
Description  TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54332DDA Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54332DDA Datasheet HTML 5Page - Texas Instruments TPS54332DDA Datasheet HTML 6Page - Texas Instruments TPS54332DDA Datasheet HTML 7Page - Texas Instruments TPS54332DDA Datasheet HTML 8Page - Texas Instruments TPS54332DDA Datasheet HTML 9Page - Texas Instruments TPS54332DDA Datasheet HTML 10Page - Texas Instruments TPS54332DDA Datasheet HTML 11Page - Texas Instruments TPS54332DDA Datasheet HTML 12Page - Texas Instruments TPS54332DDA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TPS54332
www.ti.com
SLVS875C – JANUARY 2009 – REVISED NOVEMBER 2014
7 Detailed Description
7.1 Overview
The TPS54332 is a 28-V, 3.5-A, step-down (buck) converter with an integrated high-side, N-channel MOSFET.
To improve performance during line and load transients, the device implements a constant-frequency, current
mode control, which reduces output capacitance and simplifies external frequency compensation design. The
TPS54332 has a pre-set switching frequency of 1 MHz.
The TPS54332 needs a minimum input voltage of 3.5 V to operate normally. The EN pin has an internal pullup
current source that can be used to adjust the input voltage undervoltage lockout (UVLO) with two external
resistors. In addition, the pullup current provides a default condition when the EN pin is floating for the device to
operate. The operating current is 82
μA typically when not switching and under no load. When the device is
disabled, the supply current is 1
μA typically.
The integrated 80-m
Ω high-side MOSFET allows for high-efficiency power supply designs with continuous output
currents up to 3.5 A.
The TPS54332 reduces the external component count by integrating the boot recharge diode. The bias voltage
for the integrated high-side MOSFET is supplied by an external capacitor on the BOOT to PH pin. The boot
capacitor voltage is monitored by an UVLO circuit and will turn the high-side MOSFET off when the voltage falls
below a preset threshold of 2.1 V typically. The output voltage can be stepped down to as low as the reference
voltage.
By adding an external capacitor, the slow-start time of the TPS54332 can be adjustable which enables flexible
output filter selection.
To improve the efficiency at light load conditions, the TPS54332 enters a special pulse-skipping Eco-Mode when
the peak inductor current drops below 160 mA typically.
The frequency foldback reduces the switching frequency during start-up and over current conditions to help
control the inductor current. The thermal shutdown gives the additional protection under fault conditions.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54332


Similar Part No. - TPS54332DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332DDAR TI1-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
More results

Similar Description - TPS54332DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54232 TI-TPS54232_15 Datasheet
650Kb / 31P
[Old version datasheet]   TPS54232 2-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54233-Q1 TI1-TPS54233-Q1 Datasheet
782Kb / 25P
[Old version datasheet]   2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
TPS54360 TI-TPS54360_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS54360 60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com