Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1KL-SMA-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # RS1KL-SMA-R
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RS1KL-SMA-R Datasheet(HTML) 3 Page - Unisonic Technologies

  RS1KL-SMA-R Datasheet HTML 1Page - Unisonic Technologies RS1KL-SMA-R Datasheet HTML 2Page - Unisonic Technologies RS1KL-SMA-R Datasheet HTML 3Page - Unisonic Technologies RS1KL-SMA-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RS1K
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-221.B
TYPICAL CHARACTERISTICS
Forward Current Derating Curve
1.0
0.8
0.6
0.4
0
0
25
50
75
100 125 150
175
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
Ambient Temperature (°C)
Maximum Non-Repetitive Peak Forward
Surge Current
30
25
20
15
10
5.0
1
10
100
Number of Cycles at 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
Typical Instantaneous Forward Characteristics
20
10
1
0.1
0.01
0.6
0.8
1.0
1.2
1.4 1.5
Instantaneous Forward Voltage (V)
TJ=25°C
PULSE WIDTH=300s
1%DUTY CYCLE
Typical Reverse Characteristics
1,000
100
10
1
0.1
0.01020
40
60
80
100
Percent of Peak Reverse Voltage (%)
TJ=25°C
TJ=100°C


Similar Part No. - RS1KL-SMA-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS1KL TSC-RS1KL Datasheet
208Kb / 2P
   0.8 AMP. Surface Mount Fast Recovery Rectifiers
RS1KL TSC-RS1KL Datasheet
442Kb / 2P
   0.8 AMP. Surface Mount Fast Recovery Rectifiers
RS1KL TSC-RS1KL Datasheet
198Kb / 2P
   0.8 AMP. Surface Mount Fast Recovery Rectifiers
logo
Rugao Dachang Electroni...
RS1KL DACHANG-RS1KL Datasheet
129Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Guangdong Kexin Industr...
RS1KL KEXIN-RS1KL Datasheet
864Kb / 2P
   Fast Recovery Diodes
More results

Similar Description - RS1KL-SMA-R

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shunye Enterprise
RS1A SHUNYE-RS1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR1A SHUNYE-FR1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com