Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54317 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54317
Description  1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54317 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54317_15 Datasheet HTML 6Page - Texas Instruments TPS54317_15 Datasheet HTML 7Page - Texas Instruments TPS54317_15 Datasheet HTML 8Page - Texas Instruments TPS54317_15 Datasheet HTML 9Page - Texas Instruments TPS54317_15 Datasheet HTML 10Page - Texas Instruments TPS54317_15 Datasheet HTML 11Page - Texas Instruments TPS54317_15 Datasheet HTML 12Page - Texas Instruments TPS54317_15 Datasheet HTML 13Page - Texas Instruments TPS54317_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PIN1
0.1250
0.0120
24x
0.0320
24x
0.1182
0.0197
0.1620
0.0400
0.0400
6x0.013DIA
EXPOSED
POWERPAD
AREA
TPS54317
SLVS619B – NOVEMBER 2005 – REVISED SEPTEMBER 2009 ..................................................................................................................................... www.ti.com
Figure 11. TPS54317 PCB Layout
LAYOUT CONSIDERATIONS FOR THERMAL
PERFORMANCE
For operation at full rated load current, the analog
ground plane must provide adequate heat dissipating
area. A 3 inch by 3 inch plane of 1 ounce copper is
recommended, though not mandatory, depending on
ambient temperature and airflow. Most applications
have larger areas of internal ground plane available,
and the PowerPAD should be connected to the
largest area available. Additional areas on the top or
bottom layers also help dissipate heat, and any area
available should be used when 3 A or greater
operation is desired. Connection from the exposed
area of the PowerPAD to the analog ground plane
layer should be made using 0.013 inch diameter vias
to avoid solder wicking through the vias. Six vias
should be in the PowerPAD area additional vias
located under the device package may be added to
enhance thermal performance. The vias under the
package, but not in the exposed thermal pad area,
can be increased in size to 0.018.
Figure 12. Recommended Land Pattern for 24-Pin QFN PowerPAD
10
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS54317


Similar Part No. - TPS54317_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54317RHF TI-TPS54317RHF Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54317RHFR TI-TPS54317RHFR Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54317RHFRG4 TI-TPS54317RHFRG4 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54317RHFT TI-TPS54317RHFT Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54317RHFTG4 TI-TPS54317RHFTG4 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
More results

Similar Description - TPS54317_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601VTDC1 TI-TPS50601VTDC1 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50301-HT TI-TPS50301-HT_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS50x01-xx 1.6- to 6.3-V Input, 3-A/6-A Synchronous Step-Down SWIFT??Converter
TPS54377 TI-TPS54377 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS50601-DIE TI-TPS50601-DIE_15 Datasheet
184Kb / 7P
[Old version datasheet]   TPS50601-DIE 1.6-V TO 6.3-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com