Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54315 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54315
Description  TPS5431x 3-V to 6-V Input, 3-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT??
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54315 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54315 Datasheet HTML 6Page - Texas Instruments TPS54315 Datasheet HTML 7Page - Texas Instruments TPS54315 Datasheet HTML 8Page - Texas Instruments TPS54315 Datasheet HTML 9Page - Texas Instruments TPS54315 Datasheet HTML 10Page - Texas Instruments TPS54315 Datasheet HTML 11Page - Texas Instruments TPS54315 Datasheet HTML 12Page - Texas Instruments TPS54315 Datasheet HTML 13Page - Texas Instruments TPS54315 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
(SS)
(SS)
0.7 V
t
C
5 A
=
´
m
d
(SS)
1.2 V
t
C
5 A
=
´
m
TPS54311, TPS54312, TPS54313
TPS54314, TPS54315, TPS54316
SLVS416C – FEBRUARY 2002 – REVISED JANUARY 2015
www.ti.com
Feature Description (continued)
7.3.2 Slow-Start/Enable (SS/ENA)
The slow-start/enable pin provides two functions; first, the pin acts as an enable (shutdown) control by keeping
the device turned off until the voltage exceeds the start threshold voltage of approximately 1.2 V. When SS/ENA
exceeds the enable threshold, device start up begins. The reference voltage fed to the error amplifier is linearly
ramped up from 0 V to 0.891 V in 3.35 ms. Similarly, the converter output voltage reaches regulation in
approximately 3.35 ms. Voltage hysteresis and a 2.5-µs falling edge deglitch circuit reduce the likelihood of
triggering the enable due to noise.
Table 1. Device Startup Times
DEVICE
OUTPUT VOLTAGE
SLOW-START
TPS54311
0.9 V
3.3 ms
TPS54312
1.2 V
4.5 ms
TPS54313
1.5 V
5.6 ms
TPS54314
1.8 V
3.3 ms
TPS54315
2.5 V
4.7 ms
TPS54316
3.3 V
6.1 ms
The second function of the SS/ENA pin provides an external means of extending the slow-start time with a low-
value capacitor connected between SS/ENA and AGND. Adding a capacitor to the SS/ENA pin has two effects
on start-up. First, a delay occurs between release of the SS/ENA pin and start up of the output. The delay is
proportional to the slow-start capacitor value and lasts until the SS/ENA pin reaches the enable threshold. The
start-up delay is approximately:
(1)
Second, as the output becomes active, a brief ramp up at the internal slow-start rate may be observed before the
externally set slow-start rate takes control and the output rises at a rate proportional to the slow-start capacitor.
The slow-start time set by the capacitor is approximately:
(2)
The actual slow-start time is likely to be less than the above approximation due to the brief ramp up at the
internal rate
7.3.3 VBIAS Regulator (VBIAS)
The VBIAS regulator provides internal analog and digital blocks with a stable supply voltage over variations in
junction temperature and input voltage. A high quality, low-ESR, ceramic bypass capacitor is required on the
VBIAS pin. X7R or X5R grade dielectrics are recommended because their values are more stable over
temperature. The bypass capacitor should be placed close to the VBIAS pin and returned to AGND. External
loading on VBIAS is allowed, with the caution that internal circuits require a minimum VBIAS of 2.70 V, and
external loads on VBIAS with ac or digital switching noise may degrade performance. The VBIAS pin may be
useful as a reference voltage for external circuits.
7.3.4 Voltage Reference
The voltage reference system produces a precise Vref signal by scaling the output of a temperature stable
bandgap circuit. During manufacture, the bandgap and scaling circuits are trimmed to produce 0.891 V at the
output of the error amplifier, with the amplifier connected as a voltage follower. The trim procedure adds to the
high precision regulation of the TPS5431x, since it cancels offset errors in the scale and error amplifier circuits.
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS54311 TPS54312 TPS54313 TPS54314 TPS54315 TPS54316


Similar Part No. - TPS54315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54315 TI-TPS54315 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54315 TI-TPS54315 Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54315 TI1-TPS54315 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54315-EP TI1-TPS54315-EP Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54315-Q1 TI1-TPS54315-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com