Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW30N60T Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IKW30N60T
Description  IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW30N60T Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IKW30N60T_15 Datasheet HTML 5Page - Infineon Technologies AG IKW30N60T_15 Datasheet HTML 6Page - Infineon Technologies AG IKW30N60T_15 Datasheet HTML 7Page - Infineon Technologies AG IKW30N60T_15 Datasheet HTML 8Page - Infineon Technologies AG IKW30N60T_15 Datasheet HTML 9Page - Infineon Technologies AG IKW30N60T_15 Datasheet HTML 10Page - Infineon Technologies AG IKW30N60T_15 Datasheet HTML 11Page - Infineon Technologies AG IKW30N60T_15 Datasheet HTML 12Page - Infineon Technologies AG IKW30N60T_15 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
IKW30N60T
TRENCHSTOP
™ Series
q
IFAG IPC TD VLS
9
Rev. 2.6 19.05.2015
1µs
10µs 100µs
1m s
10m s 100m s
10
-2K/W
10
-1K/W
single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
100ns 1µs
10µs 100µs 1m s 10m s100m s
10
-2K/W
10
-1K/W
10
0K/W
single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
tP, PULSE WIDTH
tP, PULSE WIDTH
Figure 21. IGBT transient thermal
impedance
(D = tp / T)
Figure 22. Diode transient thermal
impedance as a function of pulse
width
(D=tP/T)
700A/µs
800A/µs
900A/µs
1000A/µs
0ns
50ns
100ns
150ns
200ns
250ns
T
J= 2 5 °C
T
J= 1 7 5 °C
700A/µs
800A/µs
900A/µs
1000A/µs
0.0µC
0.5µC
1.0µC
1.5µC
2.0µC
T
J= 2 5 °C
T
J= 1 7 5 °C
diF/dt, DIODE CURRENT SLOPE
diF/dt, DIODE CURRENT SLOPE
Figure 23. Typical reverse recovery time as
a function of diode current slope
(VR=400V, IF=30A,
Dynamic test circuit in Figure E)
Figure 24. Typical reverse recovery charge
as a function of diode current
slope
(VR = 400V, IF = 30A,
Dynamic test circuit in Figure E)
R , ( K / W )
 , ( s )  
0.29566
6.478*10
-2
0.25779
6.12*10
-3
0.19382
4.679*10
-4
0.05279
6.45*10
-5
C1=1/ R1
R1
R2
C2=2/R2
R , ( K / W )
 , ( s )  
0.19517
1.079*10
-1
6.53*10
-2
0.26773
1.546*10
-2
0.31252
2.297*10
-3
0.22545
2.234*10
-4
0.04916
7.5*10
-6
C1=1/ R1
R1
R2
C2=2/R2


Similar Part No. - IKW30N60T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW30N60TA INFINEON-IKW30N60TA Datasheet
671Kb / 14P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 17.09.2014
More results

Similar Description - IKW30N60T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA06N60T INFINEON-IKA06N60T_13 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB20N60T INFINEON-IKB20N60T_14 Datasheet
703Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKP06N60T INFINEON-IKP06N60T_14 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKP20N60T INFINEON-IKP20N60T_15 Datasheet
505Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKB06N60T INFINEON-IKB06N60T Datasheet
658Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKA10N60T INFINEON-IKA10N60T_13 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKA15N60T INFINEON-IKA15N60T_13 Datasheet
570Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB10N60T INFINEON-IKB10N60T_15 Datasheet
643Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 11.05.2015
IKB15N60T INFINEON-IKB15N60T_15 Datasheet
702Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 11.05.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com