Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW30N60H3 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IKW30N60H3
Description  IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW30N60H3 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IKW30N60H3_14 Datasheet HTML 7Page - Infineon Technologies AG IKW30N60H3_14 Datasheet HTML 8Page - Infineon Technologies AG IKW30N60H3_14 Datasheet HTML 9Page - Infineon Technologies AG IKW30N60H3_14 Datasheet HTML 10Page - Infineon Technologies AG IKW30N60H3_14 Datasheet HTML 11Page - Infineon Technologies AG IKW30N60H3_14 Datasheet HTML 12Page - Infineon Technologies AG IKW30N60H3_14 Datasheet HTML 13Page - Infineon Technologies AG IKW30N60H3_14 Datasheet HTML 14Page - Infineon Technologies AG IKW30N60H3_14 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
IKW30N60H3
Highspeedswitchingseriesthirdgeneration
Rev.2.2,2014-03-12
Figure 17.
Typicalgatecharge
(IC=30A)
QGE,GATECHARGE[nC]
0
20
40
60
80
100 120 140 160 180
0
2
4
6
8
10
12
14
16
120V
480V
Figure 18.
Typicalcapacitanceasafunctionof
collector-emittervoltage
(VGE=0V,f=1MHz)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
10
20
30
10
100
1000
Cies
Coes
Cres
Figure 19.
Typicalshortcircuitcollectorcurrentasa
functionofgate-emittervoltage
(VCE
≤400V,startatTj=25°C)
VGE,GATE-EMITTERVOLTAGE[V]
10
12
14
16
18
20
80
130
180
230
280
330
380
Figure 20.
Shortcircuitwithstandtimeasafunctionof
gate-emittervoltage
(VCE
≤400V,startatTj≤150°C)
VGE,GATE-EMITTERVOLTAGE[V]
10
11
12
13
14
15
0
3
6
9
12
15


Similar Part No. - IKW30N60H3_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW30N60H3 INFINEON-IKW30N60H3 Datasheet
1Mb / 16P
   High speed Duopack : IGBT in Trench and Fieldstop technology
2010-07-26 revision:1.2
More results

Similar Description - IKW30N60H3_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW20N60H3 INFINEON-IKW20N60H3_14 Datasheet
2Mb / 16P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel diode
Rev.2.2,2014-03-12
IKP20N60T INFINEON-IKP20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKB15N60T INFINEON-IKB15N60T Datasheet
398Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKA10N60T INFINEON-IKA10N60T Datasheet
368Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHW40T120 INFINEON-IHW40T120 Datasheet
354Kb / 14P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Mar-04
IHW15T120 INFINEON-IHW15T120 Datasheet
339Kb / 14P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
IKW15N120H3 INFINEON-IKW15N120H3 Datasheet
833Kb / 14P
   High speed Duopack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel diode
2010-02-10 revision:1.2
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com