Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA408DJ Datasheet(PDF) 8 Page - Vishay Telefunken

Part # SIA408DJ
Description  N-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA408DJ Datasheet(HTML) 8 Page - Vishay Telefunken

  SIA408DJ Datasheet HTML 1Page - Vishay Telefunken SIA408DJ Datasheet HTML 2Page - Vishay Telefunken SIA408DJ Datasheet HTML 3Page - Vishay Telefunken SIA408DJ Datasheet HTML 4Page - Vishay Telefunken SIA408DJ Datasheet HTML 5Page - Vishay Telefunken SIA408DJ Datasheet HTML 6Page - Vishay Telefunken SIA408DJ Datasheet HTML 7Page - Vishay Telefunken SIA408DJ Datasheet HTML 8Page - Vishay Telefunken SIA408DJ Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Application Note 826
Vishay Siliconix
Document Number: 70486
www.vishay.com
Revision: 21-Jan-08
11
RECOMMENDED PAD LAYOUT FOR PowerPAK® SC70-6L Single
1
0.300 (0.012)
0.350 (0.014)
2.200 (0.087)
1.500
(0.059)
0.650 (0.026)
0.950 (0.037)
0.300 (0.012)
0.355 (0.014)
0.235 (0.009)
0.475 (0.019)
0.870 (0.034)
0.275 (0.011)
0.350 (0.014)
0.550 (0.022)
0.650 (0.026)
Dimensions in mm/(Inches)
Return to Index


Similar Part No. - SIA408DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA408DJ VISHAY-SIA408DJ Datasheet
184Kb / 9P
   N-Channel 30 V (D-S) MOSFET
Rev. D, 08-Nov-10
SIA408DJ-T1-GE3 VISHAY-SIA408DJ-T1-GE3 Datasheet
184Kb / 9P
   N-Channel 30 V (D-S) MOSFET
Rev. D, 08-Nov-10
More results

Similar Description - SIA408DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com