Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9820 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # G9820
Description  InGaAs PIN photodiode with preamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9820 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  G9820 Datasheet HTML 1Page - Hamamatsu Corporation G9820 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
InGaAs PIN photodiode with preamp
G9820 series
s Dimensional outlines (unit: mm, tolerance unless otherwise noted: ±0.2)
KGPDA0026EA
G9820
KGPDA0027EA
G9820-02
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
Cat. No. KIRD1080E02
Oct. 2007 DN
2
Vout +
Vcc
Vout -
Vee (CASE)
(4 ×)
0.45 ± 0.1
LEAD
4.7
5.4
PHOTOSENSITIVE
SURFACE
WINDOW
3.0
2.54 ± 0.25
(4 ×)
0.45 ± 0.1
LEAD
4.65 ± 0.1
5.4
LENS ( 1.5)
Vout +
Vcc
Vout -
Vee (CASE)
2.54 ± 0.25


Similar Part No. - G9820

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
logo
Hamamatsu Corporation
G9821 HAMAMATSU-G9821 Datasheet
234Kb / 3P
   InGaAs PIN photodiodes with preamp
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
   InGaAs PIN photodiodes with preamp
More results

Similar Description - G9820

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G10342-14 HAMAMATSU-G10342-14 Datasheet
219Kb / 2P
   InGaAs PIN photodiode with preamp
G8339 HAMAMATSU-G8339 Datasheet
118Kb / 2P
   InGaAs PIN photodiode with preamp
G9128 HAMAMATSU-G9128 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G8338 HAMAMATSU-G8338 Datasheet
108Kb / 2P
   InGaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
   InGaAs PIN photodiode with preamp
G8340 HAMAMATSU-G8340 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
G8925 HAMAMATSU-G8925 Datasheet
124Kb / 2P
   InGaAs PIN photodiode with preamp
G12072-54 HAMAMATSU-G12072-54_15 Datasheet
1Mb / 4P
   InGaAs PIN photodiode with preamp
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
logo
Hamamatsu Corporation
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
   InGaAs PIN photodiodes with preamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com