Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G11193 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G11193
Description  InGaAs PIN photodiodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G11193 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G11193_15 Datasheet HTML 1Page - Hamamatsu Corporation G11193_15 Datasheet HTML 2Page - Hamamatsu Corporation G11193_15 Datasheet HTML 3Page - Hamamatsu Corporation G11193_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
InGaAs PIN photodiodes
G11193 series
Small package, surface mount type
www.hamamatsu.com
1
Small SMD (surface mount device) package
Low noise, low dark current
Low price
Measurement/analytical instruments
Optical power meter
Structure
Parameter
G11193-02R
G11193-03R
Unit
Package
SMD
-
Photosensitive area
φ0.2
φ0.3
mm
Window
Resin
-
Absolute maximum ratings
Parameter
Symbol
Condition
G11193-02R
G11193-03R
Unit
Reverse voltage
VR Max.
10
V
Operating temperature
Topr
No dew condensation*1
-25 to +85
°C
Storage temperature
Tstg
No dew condensation*1
-40 to +100
°C
*1: When there is a temperature difference between a product and the surrounding area in high humidity environment, dew condensation
may occur on the product surface. Dew condensation on the product may cause deterioration in characteristics and reliability.
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the product
within the absolute maximum ratings.
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
G11193-02R
G11193-03R
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Spectral response
range
λ
Higher than 10%
of peak
-
0.9 to 1.7
--
0.9 to 1.7
-
μm
Peak sensitivity
wavelength
λp
-
1.55
-
-
1.55
-
μm
Photo sensitivity
S
λ=1.3 μm
0.75
0.85
-
0.75
0.85
-
A/W
λ=1.55 μm
0.77
1.0
-
0.77
1.0
-
Dark current
ID
VR=5 V
-
40
800
-
100
1200
pA
Cut-off frequency
fc
VR=5 V, RL=50
Ω
-
1
-
-
0.5
-
GHz
Terminal capacitance
Ct
VR=5 V, f=1 MHz
-
3
-
-
5
-
pF
Shunt resistance
Rsh
VR=10 mV
-
1000
-
-
700
-
Detectivity
D*
λ=λp
-
5 × 1012
-
-
5 × 1012
-
cmăHz1/2/W
Features
Applications
The G11193 series may be damaged by electrostatic discharge, etc. Be careful when using the G11193 series.


Similar Part No. - G11193_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G11193 HAMAMATSU-G11193 Datasheet
444Kb / 4P
   Small package, surface mount type
More results

Similar Description - G11193_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G12183 HAMAMATSU-G12183_15 Datasheet
353Kb / 6P
   InGaAs PIN photodiodes
G12181 HAMAMATSU-G12181_15 Datasheet
312Kb / 6P
   InGaAs PIN photodiodes
G12180 HAMAMATSU-G12180_15 Datasheet
287Kb / 8P
   InGaAs PIN photodiodes
G8605 HAMAMATSU-G8605_15 Datasheet
193Kb / 5P
   InGaAs PIN photodiodes
logo
Unity Opto Technology
MCD-3P4C-312 UOT-MCD-3P4C-312 Datasheet
69Kb / 2P
   InGaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12180-003A HAMAMATSU-G12180-003A Datasheet
161Kb / 4P
   InGaAs PIN photodiodes
logo
Unity Opto Technology
MCD-3P4C-322 UOT-MCD-3P4C-322 Datasheet
94Kb / 2P
   InGaAs PIN PHOTODIODES
logo
Optoway Technology Inc
PD-1100 OPTOWAY-PD-1100 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
PD-1110 OPTOWAY-PD-1110_09 Datasheet
122Kb / 3P
   InGaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12182 HAMAMATSU-G12182_15 Datasheet
513Kb / 6P
   InGaAs PIN photodiodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com