Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6635 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU6635
Description  16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6635 Datasheet(HTML) 5 Page - New Japan Radio

  NJU6635 Datasheet HTML 1Page - New Japan Radio NJU6635 Datasheet HTML 2Page - New Japan Radio NJU6635 Datasheet HTML 3Page - New Japan Radio NJU6635 Datasheet HTML 4Page - New Japan Radio NJU6635 Datasheet HTML 5Page - New Japan Radio NJU6635 Datasheet HTML 6Page - New Japan Radio NJU6635 Datasheet HTML 7Page - New Japan Radio NJU6635 Datasheet HTML 8Page - New Japan Radio NJU6635 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
NJU6635
s TERMINAL DESCRIPTION
PAD No.
A mode
B mode
SYMBOL
I/O
F U N C T I O N
4 – 9
4 – 9
VDD, VSS
Power Source : VDD = +5V, GND : VSS = 0V
10 – 14
10 – 14
V2, V3, V5
LCD driving Power Source
2
2
OSC1
I
Oscillation Frequency Adjustment Terminals.
Normally Open.
(Oscillation C and R are Incorporated, Osc Freq.=540kHZ)
3
3
OSC2
O
Oscillation Frequency Adjustment Terminals.
Normally Open.
This terminal also operates as the clock frequency monitor.
16
16
RS
I
Resister selection signal Input
"0":Instruction Resister (Writing)
Busy Flag
(Reading)
"1":Data Register (Writing / Reading)
17
17
R/W
I
Read/Write selection signal Input
"0":Write "1":Read
18
18
E
I
Read/write activation Signal Input
26 – 23
26 – 23
DB7 – DB4
I/O
3-state Data Bus(Upper) to transfer the data between MPU and
NJU6635.
DB7 is also used for the Busy Flag reading.
19 – 22
19 – 22
DB3 – DB0
I/O
3-state Data Bus(Lower) to transfer the data between MPU and
NJU6635.
In serial and 4bit parallel mode, these terminals are not used
and should be open.
32 – 39,
126 – 133
133 – 126,
39 – 32
COM1
COM16
O
LCD Common driving signal Terminals
43 – 122
122 – 43
SEG1
SEG80
O
LCD segment driving signal Terminals
15
15
RESET
I
Reset Terminal.
When the “L” level Input over than 1.2ms to
this terminal, the system will be reset.(fOSC=540kHz)
1,
27 – 31,
40 – 42,
123 – 125,
134 – 137
1,
27 – 31,
40 – 42,
123 – 125,
134 – 137
DUMMY1
DUMMY15
O
Dummy Terminal
These terminals are electrically open.


Similar Part No. - NJU6635

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6631A NJRC-NJU6631A Datasheet
458Kb / 32P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6631ACH NJRC-NJU6631ACH Datasheet
458Kb / 32P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6637 NJRC-NJU6637 Datasheet
338Kb / 28P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6637CH NJRC-NJU6637CH Datasheet
338Kb / 28P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER
More results

Similar Description - NJU6635

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6420B NJRC-NJU6420B Datasheet
1Mb / 38P
   16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6631A NJRC-NJU6631A Datasheet
458Kb / 32P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6460A NJRC-NJU6460A Datasheet
1Mb / 34P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER???
NJU6464 NJRC-NJU6464 Datasheet
1Mb / 41P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER??????
NJU6463 NJRC-NJU6463 Datasheet
1Mb / 42P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER????
NJU6637 NJRC-NJU6637 Datasheet
338Kb / 28P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6406B NJRC-NJU6406B Datasheet
1Mb / 43P
   24-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6461 NJRC-NJU6461 Datasheet
1Mb / 42P
   12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6428 NJRC-NJU6428 Datasheet
1Mb / 44P
   12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6423B NJRC-NJU6423B Datasheet
1Mb / 38P
   20-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com