Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800-032 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 800-032
Description  Right Angle Printed Circuit Board Receptacle Headers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-032 Datasheet(HTML) 1 Page - Glenair, Inc.

  800-032 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
C-15
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
C
How To Order
Sample Part Number
800-032
-07
M
7-10
P
Z
Series
800-032 PCB Receptacle
Shell Style
-07 = Jam Nut
Shell Material and Finish
C = Aluminum / Black Anodize (Non-
Conductive) RoHS Compliant
M = Aluminum / Electroless Nickel RoHS
Compliant
NF = Aluminum / Cadmium with Olive Drab
Chromate
ZNU = Aluminum / Zinc-Nickel with Black
Chromate
MT = Aluminum / Nickel-PTFE RoHS
Compliant
Z1 = Stainless Steel / Passivated RoHS
Compliant
Shell Size - Insert
Arrangement
5-3, 6-1, 6-4, 6-6, 6-7, 7-1, 7-10, 8-2, 8-13,
9-4, 9-19, 9-200, 10-2, 10-5, 10-201
Contact Type
P = Pin, PC Tail
S = Socket, PC Tail
Shell Key Position
(See Table I)
N = Normal X = Pos. X Y = Pos. Y Z = Pos. Z
Printed Circuit Board Right Angle I/O Header features gold-plated size #23
contacts. UN mating thread, and aluminum or stainless steel shells. Rubber seal
protects mated connectors from water ingress. 5 amp current rating, 500 VAC
voltage rating. Contacts are factory-installed and are non-removable. Thermoplastic
rear housing has #2-56 threaded inserts for attaching to circuit board with
customer-supplied mounting screws. Connectors attach to chassis or panel with
low-profile jam nut and O-ring. Available in six contact arrangements, these right
angle headers are ideal for hostile environments where 100/1000BASE-T Ethernet
applications where commercial-grade RJ-45 jacks are not advised.
Series 800 Mighty Mouse UN Mating Thread
Right Angle Printed Circuit Board Receptacle Headers
800-032 Ordering Information
Table I: Shell Key Positions
Key Position
Key
Rotation
Shell Size 5 and 6 Key Positions
Shell Size 7 thru 12 Key Positions
N Normal
150°
60°
NORMAL
NORMAL
60°
X
140°
Y
130°
Z
120°
Shell size 5 and 6: master
key is located at top dead
center for normal (N)
position.
Shell size 7 thru 12: master
key is rotated 90° from TDC
for normal position.
Recommended Panel Cutout
ø B
ø B
A FLAT
A FLAT
SHELL SIZE 5, 6, 7, 9
SHELL SIZE 8
Shell
Size
A Flat
øB
In.
mm.
In.
mm.
+.004/-
.000
+0.10/-
0.00
±.005
±0.13
5
.292
7.47
.322
8.18
6
.358
9.14
.385
9.78
7-1
.417
10.64
.447
11.35
7-10
.417
10.64
.449
11.40
8
.479
12.22
.510
12.95
9
.536
13.67
.572
14.53
10
.610
15.49
.635
16.13


Similar Part No. - 800-032

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032-07C5-3PN GLENAIR-800-032-07C5-3PN Datasheet
175Kb / 4P
   Right Angle PCB Receptacle Headers
800-032-07C5-3PX GLENAIR-800-032-07C5-3PX Datasheet
175Kb / 4P
   Right Angle PCB Receptacle Headers
800-032-07C5-3PY GLENAIR-800-032-07C5-3PY Datasheet
175Kb / 4P
   Right Angle PCB Receptacle Headers
800-032-07C5-3PZ GLENAIR-800-032-07C5-3PZ Datasheet
175Kb / 4P
   Right Angle PCB Receptacle Headers
800-032-07C5-3SN GLENAIR-800-032-07C5-3SN Datasheet
175Kb / 4P
   Right Angle PCB Receptacle Headers
More results

Similar Description - 800-032

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-036PD-7P2MNA GLENAIR-790-036PD-7P2MNA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-037SH-5P5MENA GLENAIR-790-037SH-5P5MENA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-041PJ25P2M GLENAIR-790-041PJ25P2M Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-042S-L6P6ME GLENAIR-790-042S-L6P6ME Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
800-032-07C5-3PN GLENAIR-800-032-07C5-3PN Datasheet
175Kb / 4P
   Right Angle PCB Receptacle Headers
logo
Molex Electronics Ltd.
0733300030 MOLEX-0733300030_V01 Datasheet
57Kb / 1P
   75 Ohms, F Right-Angle Printed Circuit Board Jack Receptacle
73330-0030 MOLEX11-73330-0030 Datasheet
32Kb / 1P
   75 Ohms, F Right-Angle Printed Circuit Board Jack Receptacle
0733300030 MOLEX11-0733300030 Datasheet
28Kb / 1P
   75 Ohms, F Right-Angle Printed Circuit Board Jack Receptacle
logo
Grayhill, Inc
38BT-4-V-3-S GRAYHILL-38BT-4-V-3-S Datasheet
61Kb / 1P
   Actuates at Right Angle to Printed Circuit Board
logo
Molex Electronics Ltd.
0733300180 MOLEX11-0733300180 Datasheet
31Kb / 1P
   75 Ohms, F Right-Angle Printed Circuit Board Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com