Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE91075 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE91075
Description  Precision SMA Female to ZMA Plug Adapter 3 Lug
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91075 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE91075 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91075 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91075 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
PE91075 REV 1.1
Precision SMA Female to ZMA Plug Adapter 3 Lug
PE91075 CAD Drawing


Similar Part No. - PE91075

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9107 PASTERNACK-PE9107 Datasheet
75Kb / 2P
   BNC MALE TO UHF FEMALE
PE91070 PASTERNACK-PE91070 Datasheet
243Kb / 3P
   Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
PE91072 PASTERNACK-PE91072 Datasheet
249Kb / 3P
   SMP Female to SMP Female Adapter .370 Special Length
PE91073 PASTERNACK-PE91073 Datasheet
258Kb / 3P
   TNC Female to SMP Male Push-On Bulkhead Adapter Limited Detent
PE91074 PASTERNACK-PE91074 Datasheet
246Kb / 3P
   Precision SMA Female to ZMA Jack Adapter 3 Lug
More results

Similar Description - PE91075

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91078 PASTERNACK-PE91078 Datasheet
249Kb / 3P
   Precision SMA Female to ZMA Plug Adapter 4 Lug
PE91074 PASTERNACK-PE91074 Datasheet
246Kb / 3P
   Precision SMA Female to ZMA Jack Adapter 3 Lug
PE91077 PASTERNACK-PE91077 Datasheet
246Kb / 3P
   Precision SMA Female to ZMA Jack Adapter 4 Lug
PE91076 PASTERNACK-PE91076 Datasheet
247Kb / 3P
   Precision SMA Male to ZMA Jack Adapter 3 Lug
PE91079 PASTERNACK-PE91079 Datasheet
247Kb / 3P
   Precision SMA Male to ZMA Jack Adapter 4 Lug
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
   Precision SMA Female to SMA Female Bulkhead Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
   Precision SMA Female to SMA Female Bulkhead Adapter
PE91011 PASTERNACK-PE91011 Datasheet
246Kb / 3P
   Precision SMA Female to 2.92mm Female Adapter
PE9779 PASTERNACK-PE9779 Datasheet
247Kb / 2P
   Precision SMA Female to SMP Female Adapter
PE9729 PASTERNACK-PE9729 Datasheet
254Kb / 2P
   Precision SMA Female to 1.85mm Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com