Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDP15E65D1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDP15E65D1
Description  650 V Emitter Controlled technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDP15E65D1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDP15E65D1 Datasheet HTML 1Page - Infineon Technologies AG IDP15E65D1 Datasheet HTML 2Page - Infineon Technologies AG IDP15E65D1 Datasheet HTML 3Page - Infineon Technologies AG IDP15E65D1 Datasheet HTML 4Page - Infineon Technologies AG IDP15E65D1 Datasheet HTML 5Page - Infineon Technologies AG IDP15E65D1 Datasheet HTML 6Page - Infineon Technologies AG IDP15E65D1 Datasheet HTML 7Page - Infineon Technologies AG IDP15E65D1 Datasheet HTML 8Page - Infineon Technologies AG IDP15E65D1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
IDP15E65D1
EmitterControlledDiodeRapid1Series
Rev.2.2,2013-12-16
RapidSwitchingEmitterControlledDiode

Features:
•650VEmitterControlledtechnology
•Temperaturestablebehaviourofkeyparameters
•Lowforwardvoltage(VF)
•Ultrafastrecovery
•Lowreverserecoverycharge(Qrr)
•Lowreverserecoverycurrent(Irrm)
•Softnessfactor>1
•175°Cjunctionoperatingtemperature
•Pb-freeleadplating;RoHScompliant
Applications:
•AC/DCconverters
•BoostdiodeinPFCstages
•Freewheelingdiodesininvertersandmotordrives
•Generalpurposeinverters
•Switchmodepowersupplies
A
C
C
A
C
KeyPerformanceandPackageParameters
Type
Vrrm
If
Vf,Tvj=25°C
Tvjmax
Marking
Package
IDP15E65D1
650V
15A
1.35V
175°C
E15ED1
PG-TO220-2-1


Similar Part No. - IDP15E65D1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDP15E65D2 INFINEON-IDP15E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-26
More results

Similar Description - IDP15E65D1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDB18E120 INFINEON-IDB18E120_13 Datasheet
1Mb / 8P
   1200 V Emitter Controlled technology
Rev.2.3 2013-07-02
IDFW40E65D1E INFINEON-IDFW40E65D1E Datasheet
1Mb / 11P
   650V Emitter Controlled technology
V2.2 2017-10-27
IDD03E60G INFINEON-IDD03E60G Datasheet
483Kb / 8P
   600V Emitter Controlled technology
2013-12-05 revision:2.4
IDC51D120T8H INFINEON-IDC51D120T8H Datasheet
245Kb / 8P
   Emitter Controlled 4 High Power Technology
Rev. 2.1, 09.04.2021
IDC15D120T8M INFINEON-IDC15D120T8M Datasheet
240Kb / 8P
   Emitter Controlled 4 Medium Power Technology
Rev. 2.1, 09.04.2021
IDC51D120T8M INFINEON-IDC51D120T8M Datasheet
981Kb / 8P
   Emitter Controlled 4 Medium Power Technology
Rev. 2.1, 09.04.2021
IDC21D120T8M INFINEON-IDC21D120T8M Datasheet
233Kb / 8P
   Emitter Controlled 4 Medium Power Technology
Rev. 2.1, 09.04.2021
IDC40D120T8M INFINEON-IDC40D120T8M Datasheet
244Kb / 8P
   Emitter Controlled 4 Medium Power Technology
Rev. 2.1, 09.04.2021
IDC28D120T8M INFINEON-IDC28D120T8M Datasheet
252Kb / 8P
   Emitter Controlled 4 Medium Power Technology
Rev. 2.1, 09.04.2021
IDC73D120T8M INFINEON-IDC73D120T8M Datasheet
243Kb / 8P
   Emitter Controlled 4 Medium Power Technology
Rev. 2.1, 09.04.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com