Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDP08E65D1 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IDP08E65D1
Description  Temperature stable behaviour of key parameters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDP08E65D1 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IDP08E65D1 Datasheet HTML 1Page - Infineon Technologies AG IDP08E65D1 Datasheet HTML 2Page - Infineon Technologies AG IDP08E65D1 Datasheet HTML 3Page - Infineon Technologies AG IDP08E65D1 Datasheet HTML 4Page - Infineon Technologies AG IDP08E65D1 Datasheet HTML 5Page - Infineon Technologies AG IDP08E65D1 Datasheet HTML 6Page - Infineon Technologies AG IDP08E65D1 Datasheet HTML 7Page - Infineon Technologies AG IDP08E65D1 Datasheet HTML 8Page - Infineon Technologies AG IDP08E65D1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
IDP08E65D1
EmitterControlledDiodeRapid1Series
Rev.2.2,2013-12-16
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
DiodeCharacteristic,atTvj=25°C
Diode reverse recovery time
trr
-
51
-
ns
Diode reverse recovery charge
Qrr
-
0.20
-
µC
Diode peak reverse recovery current
Irrm
-
7.9
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-420
-
A/µs
Tvj=25°C,
VR=400V,
IF=8.0A,
diF/dt=1000A/µs
Diode reverse recovery time
trr
-
80
-
ns
Diode reverse recovery charge
Qrr
-
0.17
-
µC
Diode peak reverse recovery current
Irrm
-
2.8
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-310
-
A/µs
Tvj=25°C,
VR=400V,
IF=8.0A,
diF/dt=200A/µs
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
DiodeCharacteristic,atTvj=175°C/125°C
Diode reverse recovery time
trr
-
81
-
ns
Diode reverse recovery charge
Qrr
-
0.49
-
µC
Diode peak reverse recovery current
Irrm
-
10.5
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-300
-
A/µs
Tvj=175°C,
VR=400V,
IF=8.0A,
diF/dt=1000A/µs
Diode reverse recovery time
trr
-
110
-
ns
Diode reverse recovery charge
Qrr
-
0.32
-
µC
Diode peak reverse recovery current
Irrm
-
4.7
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-210
-
A/µs
Tvj=125°C,
VR=400V,
IF=8.0A,
diF/dt=200A/µs


Similar Part No. - IDP08E65D1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IDP08E65D1 ISC-IDP08E65D1 Datasheet
243Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - IDP08E65D1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR16R1622DF0 SAMSUNG-MR16R1622DF0 Datasheet
442Kb / 16P
   Key Timing Parameters
MR18R1624GEG0 SAMSUNG-MR18R1624GEG0 Datasheet
442Kb / 16P
   Key Timing Parameters
logo
Kersemi Electronic Co.,...
IRFB4019 KERSEMI-IRFB4019 Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio
logo
International Rectifier
IRFS5615PBF IRF-IRFS5615PBF Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
National Semiconductor ...
DS90UR241 NSC-DS90UR241_10 Datasheet
162Kb / 4P
   Spread Spectrum Tolerance Support Three key parameters, frequency
logo
STMicroelectronics
STL128D STMICROELECTRONICS-STL128D Datasheet
631Kb / 12P
   Low spread of dynamic parameters
June 2011 Rev 1
logo
International Rectifier
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com