Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1308EDL Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SI1308EDL
Description  N-Channel 30 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1308EDL Datasheet(HTML) 5 Page - Vishay Telefunken

  SI1308EDL Datasheet HTML 1Page - Vishay Telefunken SI1308EDL Datasheet HTML 2Page - Vishay Telefunken SI1308EDL Datasheet HTML 3Page - Vishay Telefunken SI1308EDL Datasheet HTML 4Page - Vishay Telefunken SI1308EDL Datasheet HTML 5Page - Vishay Telefunken SI1308EDL Datasheet HTML 6Page - Vishay Telefunken SI1308EDL Datasheet HTML 7Page - Vishay Telefunken SI1308EDL Datasheet HTML 8Page - Vishay Telefunken SI1308EDL Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Si1308EDL
www.vishay.com
Vishay Siliconix
S14-1997-Rev. C, 06-Oct-14
5
Document Number: 63399
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Current Derating*
Power, Junction-to-Case
Power, Junction-to-Ambient
* The power dissipation PD is based on TJ (max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the
upper dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the
package limit.
0
0.45
0.9
1.35
1.8
0
25
50
75
100
125
150
T
C -Case Temperature (°C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
0.00
0.09
0.18
0.27
0.36
0.45
0
25
50
75
100
125
150
T
A - Ambient Temperature (°C)


Similar Part No. - SI1308EDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1308EDL VISHAY-SI1308EDL Datasheet
260Kb / 11P
   N-Channel 30 V (D-S) MOSFET
Rev. C, 06-Oct-14
SI1308EDL VISHAY-SI1308EDL Datasheet
259Kb / 11P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1308EDL TECHPUBLIC-SI1308EDL Datasheet
1Mb / 3P
   N-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI1308EDL VISHAY-SI1308EDL_V01 Datasheet
259Kb / 11P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1308EDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com