Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54122 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54122
Description  TPS54122-Q1 Dual-Output, 3-A, QuietSupply??with Integrated DC-DC Converter and Low-Noise LDO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54122 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54122 Datasheet HTML 1Page - Texas Instruments TPS54122 Datasheet HTML 2Page - Texas Instruments TPS54122 Datasheet HTML 3Page - Texas Instruments TPS54122 Datasheet HTML 4Page - Texas Instruments TPS54122 Datasheet HTML 5Page - Texas Instruments TPS54122 Datasheet HTML 6Page - Texas Instruments TPS54122 Datasheet HTML 7Page - Texas Instruments TPS54122 Datasheet HTML 8Page - Texas Instruments TPS54122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DC-DC
Microprocessor
VIN (DC-DC)
LDOIN
Battery
VCORE
VCCIO
12 V
3.3 V
1.2 V
1.8 V
LDO Output
DC-DC Output
TPS54122-Q1
3.3 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS54122-Q1
SBVS253A – JANUARY 2015 – REVISED MAY 2015
TPS54122-Q1 Dual-Output, 3-A, QuietSupply™
with Integrated DC-DC Converter and Low-Noise LDO
1 Features
3 Description
The TPS54122-Q1 combines the efficiency of a step-
1
AEC-Q100 Qualified with the Following Results:
down switching (dc-dc) converter with a high power-
Device Temperature Grade 1: –40°C to 125°C
supply
rejection
(PSR),
low-noise,
low-dropout
Ambient Operating Temperature Range
regulator (LDO) to provide an ultralow-noise power
Device HBM ESD Classification Level H2
supply that delivers QuietSupply rails to noise-
sensitive applications.
Device CDM ESD Classification Level C4B
The TPS54122-Q1 is ideally suited for systems with
Input Voltage Range:
5-V power busses and can support 3-A continuous
VIN: 2.95 V to 6.0 V
output current on both the dc-dc or LDO output. The
LDOIN: VOUT + VDO to 5.5 V
LDO output voltage can be set from 0.8 V to 3.6 V
BIAS: 2.375 V to 5.5 V
and the dc-dc can be adjusted from 0.83 V to 5.0 V
using external resistors. The TPS54122-Q1 can be
Provides Two Configurable Supply Rails
used in a wide range of low-noise applications
Independent Enable, Power Good, and Soft-Start
because the dc-dc converter and LDO are completely
3-A, High-Efficiency, Synchronous, Step-Down
configurable. In addition, the TPS54122-Q1 includes
Switcher:
features such as soft-start, switching frequency
synchronization, and a power-good signal.
Output Voltage Adjustable Down to 0.8 V
The TPS54122-Q1 can also be configured as a dual-
Sync to External Clock: 300 kHz to 2 MHz
supply rail device, supplying a total of 3 A.
1% Reference Accuracy
The TPS54122-Q1 is available in a space-saving,
3-A, Low-Noise LDO:
3.5-mm × 5.5-mm VQFN package, and is specified to
Output Noise: 17 µVRMS at 10 Hz to 1 MHz
operate over a –40°C to 125°C ambient temperature
with DC-DC Running
range. The TPS54122-Q1 is suited for automotive
Output Voltage Range: 0.8 V to 3.6 V
applications because the device is qualified for AEC-
Q100 grade 1.
Ultralow Dropout: 100 mV (typ) at 3 A
1% Output Accuracy
Device Information(1)
Excellent Load and Line Transient Response
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Small Package: 5.5-mm × 3.5-mm VQFN-24
TPS54122-Q1
VQFN (24)
5.50 mm × 3.50 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the datasheet.
Power Optimization in Automotive ECU Power
Automotive Infotainment Systems
Automotive ADAS Systems
Powering Sensitive Clocking-Distribution Circuits
Powering RF Components:
VCOs, Receivers, and ADCs
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS54122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLR TI1-TPS54122RHLR Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLR TI1-TPS54122RHLR Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
More results

Similar Description - TPS54122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Texas Instruments
SLVA343A TI-SLVA343A Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
ISOW7741-Q1 TI-ISOW7741-Q1 Datasheet
4Mb / 61P
[Old version datasheet]   ISOW774x-Q1 Quad-Channel Digital Isolator with Integrated Low-Emissions, Low- Noise DC-DC Converter
NOVEMBER 2022
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
logo
Wall Industries,Inc.
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com