Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS41K0S-ME-N Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS41K0S-ME-N
Description  Smart High-Side NMOS-Power Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS41K0S-ME-N Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS41K0S-ME-N Datasheet HTML 1Page - Infineon Technologies AG BTS41K0S-ME-N Datasheet HTML 2Page - Infineon Technologies AG BTS41K0S-ME-N Datasheet HTML 3Page - Infineon Technologies AG BTS41K0S-ME-N Datasheet HTML 4Page - Infineon Technologies AG BTS41K0S-ME-N Datasheet HTML 5Page - Infineon Technologies AG BTS41K0S-ME-N Datasheet HTML 6Page - Infineon Technologies AG BTS41K0S-ME-N Datasheet HTML 7Page - Infineon Technologies AG BTS41K0S-ME-N Datasheet HTML 8Page - Infineon Technologies AG BTS41K0S-ME-N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PG-SOT223-4
Datasheet
3
Rev 1.1, 2012-05-08
Smart High-Side NMOS-Power Switch
BTS41k0S-ME-N
Type
Package
Marking
BTS41k0S-ME-N
PG-SOT223-4
41k0SN
1Overview
Features
Current controlled input
Capable of driving all kind of loads (inductive, capacitive and resitive)
Negative voltage clamped at output with inductive loads
Current limitation
Very low standby current
Thermal shutdown with restart
Overload protection
Short circuit protection
Overvoltage protection (including load dump)
Reverse battery protection
Loss of GND and loss of Vbb protection
ESD-Protection
Improved electromagnetic compatibility (EMC)
Green Product (RoHS compliant)
AEC Qualified
Description
The BTS41k0S-ME-N is a protected 1
Ω single channel Smart High-Side NMOS-Power Switch in a PG-SOT223-
4 package with charge pump and current controlled input, monolithically integrated in a smart power technology.
Product Summary
Overvoltage protection VS(AZ) = min.62V
Operating voltage range 4,9V < VS < 45V
On-state resistance RON typ 1Ω
Operating Temperature range Tj = -40°C to 150°C
Application
All types of resistive, inductive and capacitive loads in automotive applications
Current controlled power switch for 12V, 24V and 45V DC automotive and industrial applications
Driver for electromagnetic relays
Signal amplifier


Similar Part No. - BTS41K0S-ME-N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
BTS410D2E3043 SIEMENS-BTS410D2E3043 Datasheet
182Kb / 14P
   Smart Highside Power Switch
BTS410D2E3062A SIEMENS-BTS410D2E3062A Datasheet
182Kb / 14P
   Smart Highside Power Switch
More results

Similar Description - BTS41K0S-ME-N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS4200S-SJ-D INFINEON-ITS4200S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-O INFINEON-ITS4200S-ME-O Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-P INFINEON-ITS4200S-ME-P Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4100S-SJ-N INFINEON-ITS4100S-SJ-N Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS41K0S-ME-N INFINEON-ITS41K0S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4060S-SJ-N INFINEON-ITS4060S-SJ-N Datasheet
776Kb / 21P
   Smart high-side NMOS-power switch
Rev 1.1 2019-07-25
ITS4200S-ME-N INFINEON-ITS4200S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4300S-SJ-D INFINEON-ITS4300S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com