Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT62-07L4 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAT62-07L4
Description  Low barrier diode for detectors up to GHz frequencies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT62-07L4 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAT62-07L4 Datasheet HTML 1Page - Infineon Technologies AG BAT62-07L4 Datasheet HTML 2Page - Infineon Technologies AG BAT62-07L4 Datasheet HTML 3Page - Infineon Technologies AG BAT62-07L4 Datasheet HTML 4Page - Infineon Technologies AG BAT62-07L4 Datasheet HTML 5Page - Infineon Technologies AG BAT62-07L4 Datasheet HTML 6Page - Infineon Technologies AG BAT62-07L4 Datasheet HTML 7Page - Infineon Technologies AG BAT62-07L4 Datasheet HTML 8Page - Infineon Technologies AG BAT62-07L4 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2014-02-13
2
BAT62...
Maximum Ratings at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
40
V
Forward current
IF
20
mA
Total power dissipation
BAT62, TS ≤ 85 °C
BAT62-02L, -07L4, -03W, TS ≤ 108 °C
BAT62-02W, -02V, TS ≤ 109 °C
BAT62-07W, TS ≤ 103 °C
BAT62-09S, TS ≤ 105 °C
Ptot
100
100
100
100
100
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAT62
BAT62-02L, -07L4, -03W
BAT62-02W, 02V
BAT62-07W
BAT62-09S
RthJS
≤ 650
≤ 420
≤ 410
≤ 470
≤ tbd
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 40 V
IR
-
-
10
µA
Forward voltage
IF = 2 mA
VF
-
0.58
1
V
Forward voltage matching2)
IF = 2 mA
∆ VF
-
-
20
mV
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)
2∆VF is the difference between lowest and highest VF in a multiple diode component.


Similar Part No. - BAT62-07L4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT62-07L4 INFINEON-BAT62-07L4 Datasheet
519Kb / 9P
   Silicon Schottky Diode
Apr-22-2004
BAT62-07L4 INFINEON-BAT62-07L4 Datasheet
209Kb / 18P
   Silicon Schottky Diode
2007-04-19
BAT62-07L4 INFINEON-BAT62-07L4 Datasheet
1Mb / 19P
   Silicon Schottky Diode
2014-02-13
More results

Similar Description - BAT62-07L4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Siemens Semiconductor G...
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
BAT63-099R SIEMENS-BAT63-099R Datasheet
87Kb / 4P
   Silicon Schottky Diodes (Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad)
logo
Agilent(Hewlett-Packard...
423B HP-423B Datasheet
372Kb / 4P
   Low Barrier Schottky Diode Detectors
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
   RF Power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com