Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS21 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # STS21
Description  Temperature Sensor IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS21 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button STS21 Datasheet HTML 4Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 5Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 9Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 10Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 11Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Datasheet STS21
www.sensirion.com
Version 2 – December 2011
11/12
Revision History
Date
Version
Page(s)
Changes
April 2011
0.3
all
New preliminary release (based on SHT21 data sheet)
10 June 2011
0.4
2
Quantity of 5000 pcs. added to packaging information
15 July 2011
1
-
Initial Release
December 2011
2
1, 2, 4, 6-8
Average power dissipation value, tolerance of threshold value for low battery signal,
minor text adaptations and corrections.


Similar Part No. - STS21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS20N3LLH6 STMICROELECTRONICS-STS20N3LLH6 Datasheet
548Kb / 13P
   Low gate drive power losses
logo
List of Unclassifed Man...
STS20NHS3LL ETC1-STS20NHS3LL Datasheet
428Kb / 9P
   N-CHANNEL 30 V - 0.0032 廓 - 20 A SO-8 STripFET?줚II MOSFET PLUS MONOLITHIC SCHOTTKY
logo
STMicroelectronics
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL Datasheet
305Kb / 12P
   N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL_07 Datasheet
305Kb / 12P
   N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
logo
Stanson Technology
STS20T10 STANSON-STS20T10 Datasheet
194Kb / 3P
   Reliable High Temperature Operation
More results

Similar Description - STS21

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
logo
TOKO, Inc
TK11033 TOKO-TK11033 Datasheet
41Kb / 6P
   TEMPERATURE SENSOR IC
K11044 TOKO-K11044 Datasheet
37Kb / 5P
   TEMPERATURE SENSOR IC
TK11041 TOKO-TK11041 Datasheet
32Kb / 4P
   TEMPERATURE SENSOR IC
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11032 TOKO-TK11032 Datasheet
40Kb / 6P
   TEMPERATURE SENSOR IC
TK11042 TOKO-TK11042 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11043 TOKO-TK11043 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com