Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHT3X-DIS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SHT3X-DIS
Description  Very fast start-up and measurement time
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X-DIS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SHT3X-DIS Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
October 2015 - Version 1
3/18
Humidity Sensor Performance Graphs
SHT30
SHT31
Figure 2 Tolerance of RH at 25°C for SHT30
Figure 3 Tolerance of RH at 25°C for SHT31
SHT30
SHT31
RH (%RH)
100 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5
90 ±3
±3
±3
±3
±3
±3
±3
±3
±3
80 ±3
±3
±3
±3
±3
±3
±3
±3
±3
70 ±3
±3
±3
±3
±3
±3
±3
±3
±3
60 ±3
±3
±3
±3
±3
±3
±3
±3
±3
50 ±3
±3
±3
±3
±3
±3
±3
±3
±3
40 ±3
±3
±3
±3
±3
±3
±3
±3
±3
30 ±3
±3
±3
±3
±3
±3
±3
±3
±3
20 ±3
±3
±3
±3
±3
±3
±3
±3
±3
10 ±3
±3
±3
±3
±3
±3
±3
±3
±3
0 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5
0
10
20
30
40
50
60
70
80
Temperature (°C)
RH (%RH)
100 ±2
±2
±2
±2
±2
±2
±2
±2
±2
90 ±2
±2
±2
±2
±2
±2
±2
±2
±2
80 ±2
±2
±2
±2
±2
±2
±2
±2
±2
70 ±2
±2
±2
±2
±2
±2
±2
±2
±2
60 ±2
±2
±2
±2
±2
±2
±2
±2
±2
50 ±2
±2
±2
±2
±2
±2
±2
±2
±2
40 ±2
±2
±2
±2
±2
±2
±2
±2
±2
30 ±2
±2
±2
±2
±2
±2
±2
±2
±2
20 ±2
±2
±2
±2
±2
±2
±2
±2
±2
10 ±2
±2
±2
±2
±2
±2
±2
±2
±2
0 ±2
±2
±2
±2
±2
±2
±2
±2
±2
0
10
20
30
40
50
60
70
80
Temperature (°C)
Figure 4 Typical tolerance of RH over T for SHT30
Figure 5 Typical tolerance of RH over T for SHT31
Temperature Sensor Performance Graphs
SHT30
SHT31
Figure 6 Temperature accuracy of the SHT30 sensor.
Figure 7 Temperature accuracy of the SHT31 sensor.
±0
±2
±4
±6
±8
0
10
20
30
40
50
60
70
80
90 100
Relative Humidity (%RH)
SHT30
maximal tolerance
typical tolerance
DRH (%RH)
±0
±2
±4
±6
±8
0
10
20
30
40
50
60
70
80
90 100
Relative Humidity (%RH)
SHT31
maximal tolerance
typical tolerance
DRH (%RH)
±0.0
±0.5
±1.0
±1.5
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
maximal tolerance
typical tolerance
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
±0.0
±0.5
±1.0
±1.5
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
maximal tolerance
typical tolerance
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)


Similar Part No. - SHT3X-DIS

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SHT3X-DIS SENSIRION-SHT3X-DIS Datasheet
853Kb / 26P
   3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
Version 1 - December 2022
More results

Similar Description - SHT3X-DIS

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-402 SYNERGY-OXO100-1-402 Datasheet
243Kb / 2P
   Fast Warm-up Time
logo
Shanghai Leiditech Elec...
SMF3.3CA LEIDITECH-SMF3.3CA Datasheet
554Kb / 3P
   Glass passivated chip Very fast response time
logo
Guangdong Youtai Semico...
UC2842 UMW-UC2842_V01 Datasheet
779Kb / 7P
   Low Start-Up and Operating Current
UC2842 UMW-UC2842 Datasheet
832Kb / 9P
   Low Start-Up and Operating Current
UC3842 UMW-UC3842_V01 Datasheet
881Kb / 7P
   Low Start-Up and Operating Current
logo
STATEK CORPORATION
CXO3M STATEK-CXO3M_09 Datasheet
223Kb / 2P
   High Stability/Fast Start-up Crystal Oscillator
logo
EUROQUARTZ limited
CXOX EUROQUARTZ-CXOX Datasheet
103Kb / 1P
   Fast Start-up/Tight Tolerance/High Shock
logo
Gamma Microelectronics ...
GM384X GAMMA-GM384X Datasheet
476Kb / 8P
   Low Start-Up and Operating Current
logo
Guangdong Youtai Semico...
UC3842 UMW-UC3842 Datasheet
874Kb / 7P
   Low Start-Up and Operating Current
logo
STATEK CORPORATION
CXOLAT STATEK-CXOLAT Datasheet
181Kb / 2P
   Ultra-Low Power/Fast Start-Up/Ultra-Miniature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com