Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM70XX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SGM70XX
Description  Pressure independent & temperature compensated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGM70XX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SGM70XX Datasheet HTML 1Page - List of Unclassifed Manufacturers SGM70XX Datasheet HTML 2Page - List of Unclassifed Manufacturers SGM70XX Datasheet HTML 3Page - List of Unclassifed Manufacturers SGM70XX Datasheet HTML 4Page - List of Unclassifed Manufacturers SGM70XX Datasheet HTML 5Page - List of Unclassifed Manufacturers SGM70XX Datasheet HTML 6Page - List of Unclassifed Manufacturers SGM70XX Datasheet HTML 7Page - List of Unclassifed Manufacturers SGM70XX Datasheet HTML 8Page - List of Unclassifed Manufacturers SGM70XX Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.sensirion.com
2/9
The customer needs to fine-adjust meter calibration in air
only. No further calibration or testing with natural gas on
the customer side is needed. Sensirion provides
consulting and support regarding fine-adjustment of
calibration.
1. Sensor Performance1
Sensor performance is described for fine-adjusted product in template gas meter housing. Please note that a sensor built in
customer meter housing can achieve inhere specified performance only after fine-adjustment procedure.
1.1
Specification of Flow Rates
1 Sensirion guarantees specifications of the SGM70xx module only.
2 slm: standard liter per minute; scmh: standard cubic meter per hour; conditions: T = 15°C and P = 1013 mbar.
3 Qstauration is defined as minimum / maximum linearized flow output value of the SGM70xx module.
4 Qoverflow is defined as overflow that does not damage the SGM70xx module.
5 Qreverse = maximum negative flow for which the initial accuracy applies as defined in Table 1.2 Physical specification.
6 Signal to noise ratio, ������������ = Mean Signal Amplitude
Std. Dev. Signal Amplitude
Unit
SGM7001
SGM7002
SGM7004
SGM7006
Qmin
slm (2)
0.267
0.416
0.67
1.0
scmh (2)
0.016
0.025
0.04
0.06
Qt
slm (2)
4.17
6.66
10
16.7
scmh (2)
0.25
0.4
0.6
1
Qmax
slm (2)
41.67
66.7
100
167
scmh (2)
2.5
4.0
6
10
Qsaturation3
neg. saturation
slm (2)
-9
-15
-24
-39
pos. saturation
slm (2)
53
85
130
255
Qoverflow4
2 Qmax
Qreverse5
- 0.2 Qmax
SNR6 @ 0.25 Qmin
(relevant for min. detectable flow rate)
10


Similar Part No. - SGM70XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM7001 ETC2-SGM7001 Datasheet
445Kb / 9P
   Pressure independent & temperature compensated
SGM7002 ETC2-SGM7002 Datasheet
445Kb / 9P
   Pressure independent & temperature compensated
SGM7004 ETC2-SGM7004 Datasheet
445Kb / 9P
   Pressure independent & temperature compensated
SGM7006 ETC2-SGM7006 Datasheet
445Kb / 9P
   Pressure independent & temperature compensated
logo
SG Micro Corp
SGM706 SGMICRO-SGM706 Datasheet
331Kb / 12P
   Low-Cost, Microprocessor Supervisory Circuit
More results

Similar Description - SGM70XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM7001 ETC2-SGM7001 Datasheet
445Kb / 9P
   Pressure independent & temperature compensated
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
NXP Semiconductors
MPXV2050G NXP-MPXV2050G Datasheet
340Kb / 15P
   50 kPa Temperature Compensated Pressure Sensors
Rev. 2-22 April 2021
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
Sensortechnics GmbH
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
SSC1001GA SENSORTECHNICS-SSC1001GA Datasheet
97Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
SSC3001AA SENSORTECHNICS-SSC3001AA Datasheet
134Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
logo
Motorola, Inc
MPXT2010 MOTOROLA-MPXT2010 Datasheet
91Kb / 4P
   COMPENSATED PRESSURE SENSOR
MPX2202 MOTOROLA-MPX2202 Datasheet
319Kb / 12P
   200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com