Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG16-2000D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LG16-2000D
Description  Compact Liquid Flow Meter for OEM Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LG16-2000D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LG16-2000D Datasheet HTML 1Page - List of Unclassifed Manufacturers LG16-2000D Datasheet HTML 2Page - List of Unclassifed Manufacturers LG16-2000D Datasheet HTML 3Page - List of Unclassifed Manufacturers LG16-2000D Datasheet HTML 4Page - List of Unclassifed Manufacturers LG16-2000D Datasheet HTML 5Page - List of Unclassifed Manufacturers LG16-2000D Datasheet HTML 6Page - List of Unclassifed Manufacturers LG16-2000D Datasheet HTML 7Page - List of Unclassifed Manufacturers LG16-2000D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.sensirion.com
February 2015 V3
1/8
LG16 Liquid Flow Meter Series
Compact Liquid Flow Meter for OEM Applications
Liquid flow rates up to 5000 µl/min
Resolutions down to sub nl/min
Totally non-invasive, pressures up to 200 bar
Digital I²C interface or analog out 0-5 V
Product Summary
The LG16 Liquid Flow Meter series enables fast, non-
invasive measurements of very low liquid flow rates
below 5 ml/min. This product line is especially suited
for OEM volume applications requiring small sized
components with high performance at low cost.
Excellent chemical resistance and bio-compatibility
are ensured: The flow path of the LG16 Liquid Flow
Sensor is formed by a straight-thru glass capillary
and end fittings. There are no obstacles in the flow
path
Interface Options
Digital
- I2C-Bus
Analog
- Voltage Output (0-5 V)
For more information on communication, please refer
to section 3 of this document.
1 Sensing Performance
Table 1: Model specific performance of LG16 (all data for medium H2O, 23°C)
Parameter
LG16-0025 LG16-0150 LG16-0430 LG16-1000 LG16-2000
Unit
H2O full scale flow ratea
1.50
7
80
1000
5000
µl/min
H2O sensor output limitb for digital version
1.70
8
120
1100
5500
µl/min
Accuracy below full scale
(whichever error is larger)
10
5.0
5.0
5.0
5.0
% of m.v.c
0.5
0.3
0.15
0.2
0.2
% of full scale
Repeatability below full scale
(whichever error is larger)
<1
0.5
0.5
0.5
0.5
% of m.v.
0.06
0.05
0.01
0.02
0.02
% of full scale
Temperature coefficient
(additional error / °C; whichever is larger)
0.15
0.09
0.13
0.1
0.1
% m.v. / °C
0.007
0.005
0.003
0.004
0.004
% full scale / °C
Mounting orientation sensitivityd
-
<0.4
<0.4
1.0
1.5
% of full scale
Flow detection response time
63
40
ms
Response time on power-up
120
ms
Operating temperature
+10…+50
°C
Ambient storage temperaturee
-10…+60
°C
Operating pressure
200
100
15
15
bar
Proof pressure
400
200
30
30
bar
a
Corresponds with 4.8 V in analog version
b
Flow rate at which the sensor output saturates. See section 2 for performance between full scale and saturation point.
c
Measured value
d
Maximum additional offset when mounted vertically
e
Non-condensing, flow path empty


Similar Part No. - LG16-2000D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600FXH AGERE-LG1600FXH Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH0500 AGERE-LG1600FXH0500 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH0553 AGERE-LG1600FXH0553 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH0622 AGERE-LG1600FXH0622 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
LG1600FXH1200 AGERE-LG1600FXH1200 Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
More results

Similar Description - LG16-2000D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLS-1500 ETC2-SLS-1500 Datasheet
276Kb / 5P
   Compact Flow Meter for Industrial Applications
logo
Analog Devices
AD2001 AD-AD2001_15 Datasheet
975Kb / 2P
   DIGIT PANEL METER FOR OEM APPLICATIONS
logo
List of Unclassifed Man...
LS32-1500 ETC2-LS32-1500 Datasheet
283Kb / 4P
   Compact Flow Meter for Low Flow Rates
logo
TT Electronics.
DS1171 TTELEC-DS1171 Datasheet
334Kb / 2P
   High Pressure Liquid Flow Meter
logo
List of Unclassifed Man...
F61 ETC-F61 Datasheet
153Kb / 1P
   Flow Switches for Liquid
logo
E+E Elektronik Ges.m.b....
EE99-1 EPLUSE-EE99-1 Datasheet
972Kb / 3P
   Humidity / Temperature Module for OEM Applications
v1.8
logo
List of Unclassifed Man...
CMD-HHCP-315 ETC2-CMD-HHCP-315 Datasheet
144Kb / 5P
   OEM COMPACT HANDHELD TRANSMITTER
logo
TT Electronics.
FFU TTELEC-FFU Datasheet
330Kb / 1P
   Ultrasonic Flow Meter
DOSIC TTELEC-DOSIC Datasheet
298Kb / 1P
   Ultrasonic Flow Meter
logo
Linx Technologies
CMD-HHCP-FFF LINX-CMD-HHCP-FFF Datasheet
1Mb / 9P
   OEM Compact Handheld Transmitter
2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com