Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A33 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A33
Description  ARMv7 ISA standard instruction set plus Thumb-2 and Jazeller RCT
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A33 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button A33 Datasheet HTML 2Page - List of Unclassifed Manufacturers A33 Datasheet HTML 3Page - List of Unclassifed Manufacturers A33 Datasheet HTML 4Page - List of Unclassifed Manufacturers A33 Datasheet HTML 5Page - List of Unclassifed Manufacturers A33 Datasheet HTML 6Page - List of Unclassifed Manufacturers A33 Datasheet HTML 7Page - List of Unclassifed Manufacturers A33 Datasheet HTML 8Page - List of Unclassifed Manufacturers A33 Datasheet HTML 9Page - List of Unclassifed Manufacturers A33 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
A33 Datasheet
Copyright © 2014 Allwinner Technology Co., Ltd. All Rights Reserved.
Page 6
Features
2 FEATURES
2.1. CPU Architecture
The A33 platform is based on quad-core CortexTM-A7 CPU architecture.
● ARMv7 ISA standard instruction set plus Thumb-2 and Jazeller RCT
● NEON with SIMD and VFPv4 support
● Support hardware virtualization
● Support LPAE
● Support 4GB address space
● Support 256KB L1 cache and shared 512KB L2 cache
● Support DVFS with independent power domain
2.2. GPU
● Mali400MP2 GPU
● Support OpenGL ES 2.0 / OpenVG 1.1 standard


Similar Part No. - A33

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A33 DBLECTRO-A33 Datasheet
275Kb / 1P
   DONCO CONNECTOR (FEMALE ON WIRE TYPE)
logo
Tyco Electronics
A33 MACOM-A33 Datasheet
365Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
A33 MA-COM-A33 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M-System Co.,Ltd.
A33 MSYSTEM-A33 Datasheet
91Kb / 2P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Tyco Electronics
A33-1 MACOM-A33-1 Datasheet
108Kb / 1P
   2 TO 2400 MHz CASCADABLE AMPLIFIER
More results

Similar Description - A33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A83T ETC2-A83T Datasheet
1Mb / 36P
   ARMv7 ISA standard instruction set plus Thumb-2 and Jazeller RCT
A31S ETC2-A31S Datasheet
1Mb / 34P
   ARMv7 ISA standard ARM instruction set plus
A20 ETC2-A20 Datasheet
3Mb / 35P
   ARMv7 ISA standard ARM instruction set
logo
Texas Instruments
TMS320F TI-TMS320F Datasheet
1Mb / 389P
[Old version datasheet]   CPU and Instruction Set
June 1999
logo
Infineon Technologies A...
XC800 INFINEON-XC800 Datasheet
1Mb / 132P
   Microcontroller Family Architecture and Instruction Set
V 0.1, Jan 2005
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
   SAM47 INSTRUCTION SET
logo
STMicroelectronics
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
   Extended instruction set
May 2017 Rev 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com