Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A10S Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # A10S
Description  ARM Cortex-A8 Core
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A10S Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button A10S Datasheet HTML 7Page - List of Unclassifed Manufacturers A10S Datasheet HTML 8Page - List of Unclassifed Manufacturers A10S Datasheet HTML 9Page - List of Unclassifed Manufacturers A10S Datasheet HTML 10Page - List of Unclassifed Manufacturers A10S Datasheet HTML 11Page - List of Unclassifed Manufacturers A10S Datasheet HTML 12Page - List of Unclassifed Manufacturers A10S Datasheet HTML 13Page - List of Unclassifed Manufacturers A10S Datasheet HTML 14Page - List of Unclassifed Manufacturers A10S Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
A10s
Copyright © 2012 Allwinner Technology. All Rights Reserved.
10
4.
Pin Assignments
4.1.
Pin Dimension
Figure 4-1 A10s Package Dimension


Similar Part No. - A10S

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A10 DBLECTRO-A10 Datasheet
237Kb / 1P
   EDGE CARD IDC TYPE (REINFORCED TYPE)
logo
List of Unclassifed Man...
A10 ETC2-A10 Datasheet
2Mb / 81P
   Functional Block Diagram
logo
XP Power Limited
A10 XPPOWER-A10 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
logo
TP-Link Technologies Co...
A10 TP-LINK-A10 Datasheet
1Mb / 7P
   MU-MIMO Wi-Fi Router
More results

Similar Description - A10S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
logo
Texas Instruments
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
logo
Advantech Co., Ltd.
RSB-4210 ADVANTECH-RSB-4210_15 Datasheet
993Kb / 2P
   Freescale ARM Cortex-A8 i.MX53 SBC
logo
Beckhoff Automation Gmb...
CP26XX-0000 BECKHOFF-CP26XX-0000 Datasheet
156Kb / 3P
   Panel PC with ARM Cortex??A8
logo
Advantech Co., Ltd.
ROM-1210 ADVANTECH-ROM-1210_15 Datasheet
791Kb / 2P
   Freescale ARM Cortex-A8 i.MX53 RTX Module
logo
Texas Instruments
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
logo
Moxa Inc.
UC-8100A-ME-T MOXA-UC-8100A-ME-T Datasheet
1Mb / 6P
   Arm Cortex-A8 1 GHz IIoT gateway
logo
Texas Instruments
TPS65218D0 TI1-TPS65218D0 Datasheet
1Mb / 110P
[Old version datasheet]   Power Management for ARM Cortex-A8/A9 SOCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com