Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWS426_V4 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS426_V4
Description  GaAs DC-6 GHz DPDT Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS426_V4 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS426_V4_15 Datasheet HTML 1Page - Hexawave, Inc HWS426_V4_15 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS426
GaAs DC-6 GHz SPDT Switch
May 2011 V4
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
Low Insertion Loss: 0.5 dB @ 2.5 GHz
0.9 dB @ 5.8 GHz
Isolation: 26 dB @ 2.5 GHz
17 dB @ 5.8 GHz
Low DC Power Consumption
Low Cost SOT-363 Using Lead (Pb) free
materials with RoHS compliant
Description
The HWS426 is a GaAs SPDT switch operating at
DC-6 GHz in a low cost SOT-363 plastic lead (Pb)
free package. The HWS426 features low insertion
loss with very low DC power consumption.
This
switch can be used in IEEE 802.11a/b/g WLAN
systems for transmit/receive selection or antenna
diversity function.
SOT-363
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
0.1-6.0 GHz
2.4-2.5 GHz
4.9-5.8 GHz
1.0
0.5
0.9
0.7
1.1
dB
dB
dB
Isolation 1
(RF1-RF2)
0.1-6.0 GHz
2.4-2.5 GHz
4.9-5.8 GHz
21
15
17
26
18
dB
dB
dB
Isolation 2
(RFC-RF1, RFC-RF2)
0.1-6. 0 GHz
2.4-2.5 GHz
4.9-5.8 GHz
21
14
16
26
17
dB
dB
dB
Return Loss
0.1-6.0 GHz
20
dB
Input Power for 0.1 dB Compression
2.0-6.0 GHz
30
dBm
Input Power for One dB Compression
2.0-6.0 GHz
33
dBm
Switching Time
20
ns
Control Current
10
100
uA
Note: All measurements made in a 50 ohm system with 0/+3V control voltages, unless otherwise specified.


Similar Part No. - HWS426_V4_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS426 HW-HWS426 Datasheet
73Kb / 2P
   GaAs DC-6 GHz SPDT Switch
More results

Similar Description - HWS426_V4_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
   GaAs DC-6 GHz DPDT Switch
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
   GaAs DC-6 GHz DPDT Switch
logo
Hexawave, Inc
HWS453_V3 HW-HWS453_V3_15 Datasheet
61Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS436_V3 HW-HWS436_V3_15 Datasheet
73Kb / 3P
   GaAs DC-6 GHz DPDT Switch
HWS410_V4 HW-HWS410_V4_15 Datasheet
59Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS415 HW-HWS415 Datasheet
77Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS383 HW-HWS383 Datasheet
121Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS420 HW-HWS420 Datasheet
74Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS465_V4 HW-HWS465_V4_15 Datasheet
61Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS436 HW-HWS436 Datasheet
84Kb / 3P
   GaAs DC-6 GHz DPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com