Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

942-004 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 942-004
Description  Connector Saver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

942-004 Datasheet(HTML) 1 Page - Glenair, Inc.

  942-004 Datasheet HTML 1Page - Glenair, Inc. 942-004 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
G-8
G
B
EMI Ground Spring
(Standard)
Interfacial Seal
RECEPTACLE END
LOCK RING
(Standard)
PLUG END
A
1.20
(30.5)
MAX
942-004
Sav-Con® Connector Saver
Plug/Receptacle
for Use with MIL-DTL-38999 Series II
Shell Size
08
10
12
14
16
18
20
22
24
942 L 004 M 16 G 35 P A
Alternate Positions:
A, B, C, D
(N = Normal)
Product Series
942 - Connector Saver
Contact Gender
P - Pins on Plug Side,
Sockets on Receptacle Side
S - Sockets on Plug Side,
Pins on Receptacle Side
Lock Ring
L - Lock Ring (Standard)
Ground Spring
G - EMI Ground Spring
(Standard)
Finish Symbol
(SeeTable II)
Basic Part
Number
Insert Arrangement
MIL-DTL-38999 Series II
MIL-STD-1560


Similar Part No. - 942-004

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
942-002NF-A1P1 GLENAIR-942-002NF-A1P1 Datasheet
89Kb / 2P
   Connector Savers
942-002NF-A1P2 GLENAIR-942-002NF-A1P2 Datasheet
89Kb / 2P
   Connector Savers
942-002NF-A1P3 GLENAIR-942-002NF-A1P3 Datasheet
89Kb / 2P
   Connector Savers
942-002NF-A1P4 GLENAIR-942-002NF-A1P4 Datasheet
89Kb / 2P
   Connector Savers
942-002NF-A1P5 GLENAIR-942-002NF-A1P5 Datasheet
89Kb / 2P
   Connector Savers
More results

Similar Description - 942-004

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
   Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
   Battery Saver
February 25, 2022
logo
Glenair, Inc.
890-016 GLENAIR-890-016 Datasheet
275Kb / 2P
   Single Row Connector Saver
799-070 GLENAIR-799-070 Datasheet
1Mb / 7P
   Micro-Crimp connector saver
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
   BATTERY SAVER
logo
Glenair, Inc.
891-016 GLENAIR-891-016 Datasheet
635Kb / 2P
   Dual Row Nano Connector Saver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com