Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE8000-50 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8000-50
Description  Zero Biased Detector With 50 Ohm BNC Male to BNC Female Video Out Operating From 0.1 MHz to 1,000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8000-50 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8000-50 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8000-50 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8000-50 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
For -10dbm power level minimum output of 30mv; 0db
min output of 175mV.
Zero Biased Detector With 50 Ohm BNC Male to BNC Female Video Out Operating From 0.1 MHz to 1,000 MHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Zero Biased Detector With 50 Ohm BNC Male to BNC Female Video Out Operating From 0.1 MHz
to 1,000 MHz PE8000-50
URL: http://www.pasternack.com/50-ohm-bnc-zero-biased-detector-positive-0.1-mhz-1000-mhz-pe8000-50-p.aspx
PE8000-50
PE8000-50 REV 01
Zero Biased Detector With 50 Ohm BNC Male to BNC
Female Video Out Operating From 0.1 MHz to 1,000 MHz


Similar Part No. - PE8000-50

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8000-75 PASTERNACK-PE8000-75 Datasheet
113Kb / 1P
   75 OHM BNC MALE TO OHM BNC FEMALE DETECTOR, FREQUENCY RANGE:100 KHz=1,000 MHz
More results

Similar Description - PE8000-50

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T1003 PASTERNACK-PE80T1003 Datasheet
374Kb / 1P
   Zero Biased Detector With 50 Ohm N to BNC Female Video Out Operating From 10 MHz to 18.5 GHz
PE8001-P PASTERNACK-PE8001-P Datasheet
245Kb / 3P
   Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 500 MHz to 1,000 MHz
PE8001 PASTERNACK-PE8001 Datasheet
245Kb / 3P
   Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 500 MHz to 1,000 MHz
PE8012P PASTERNACK-PE8012P Datasheet
250Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PE8010 PASTERNACK-PE8010 Datasheet
245Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 2 GHz
PE8012 PASTERNACK-PE8012 Datasheet
249Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PE8013 PASTERNACK-PE8013 Datasheet
246Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 18.5 GHz
PE8014 PASTERNACK-PE8014 Datasheet
248Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 26.5 GHz
PE8011 PASTERNACK-PE8011 Datasheet
360Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Negative Video Out Operating From 10 MHz to 4 GHz
PE8016 PASTERNACK-PE8016 Datasheet
216Kb / 3P
   Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com