Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

892-004 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 892-004
Description  Circular Breakaway
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

892-004 Datasheet(HTML) 1 Page - Glenair, Inc.

  892-004 Datasheet HTML 1Page - Glenair, Inc. 892-004 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-9
Dimensions in inches (millimeters) and are subject to change without notice.
© 2013 Glenair, Inc.
Series 89 Nano Catalog
U.S. CAGE Code 06324/0CA77
Printed in U.S.A.
How To Order Circular Nano Connectors
Sample Part Number
892
-004 -02
1-7 N A2 -0 A 7 -12
Series
892 - Nano Circular with Insulated Wire
Shell Style
004 - In-Line Breakaway Receptacle
Accessory
01 - No Backshell 02 - With Backshell 03 - Overmolded 04 - Shrink Boot
Shell Size/Contact
Arrangement
1-4 - Shell Size 1 with 4 contacts
1-7 - Shell Size 1 with 7 contacts
2-19 - Shell Size 2 wih 19 contacts
See Table I
3-37 - Shell Size 3 with 37 contacts
4-44 - Shell Size 4 with 44 contacts
4-55 - Shell Size 4 with 55 contacts
Polarization
N - Normal A - Alternate
Shell Material/Finish
A2 - Aluminum/Electroless Nickel
A5- Aluminum/Gold Over Nickel
S1 - Stainless Steel/Zinc Cobalt (Black)
S2 - Stainless Steel/Passivated
Wire Gauge
0 - 30 AWG -2 - 32 AWG
Wire Type
A - Ultralightweight XLETFE insulation, silver coated ultrahigh strength copper
B - Extruded PTFE insulation, silver-coated copper NEMA HP3-ETX (MIL-W-16878/6)
C - Cross linked modified ETFE insulation, silver coated high strength copper. MIL-W-22759/33
(not available in #32 AWG)
Wire Color
1 - White 2 - Yellow 7 - 10 Color repeating (Wire type A is striped, types B and C are solid colors)
Wire Length (Inches) 12 = 12.00 + 1.00 Inches
892-004
Circular Breakaway, Inline Receptacle
Connector with Insulated Wire
Glenair Inline Breakaway Receptacle Connectors
feature gold alloy TwistPin contacts, offering premium
performance and reliability for demanding applications.
Available with or without backshell, overmolded or shrink
boot.
Choose Aluminum or Stainless Steel Shells in 6 layouts
from 4 to 55 contacts. These connectors are intermateable with
nanominiature plug connectors 892-007.
MATES
WITH 892-007
Table I: 892 Circular Receptacle Mating Face Views
Size 1-4
4 Contacts
Size 1-7
7 Contacts
Size 2-19
19 Contacts
Size 3-37
37 Contacts
Size 4-44
44 Contacts
Size 4-55
55 Contacts
3
4
2
1
7
6
5
3
2
1
19
17
16
13
12
8
7
4
3
1
37
34
33
29
28
23
22
16
15
10
9
5
4
1
44
40
39
34
33
27
19
26
12
18
6
11
5
1
41391016172425313239404647525355
55
53
52
47
46
40
3
9
32
31
25
24
17
16
10
9
3
1
4
A
B


Similar Part No. - 892-004

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
892-000 GLENAIR-892-000 Datasheet
648Kb / 2P
   Circular Breakaway
892-001 GLENAIR-892-001 Datasheet
649Kb / 2P
   Circular Threaded
892-002 GLENAIR-892-002 Datasheet
605Kb / 2P
   Circular Breakaway
892-003 GLENAIR-892-003 Datasheet
676Kb / 2P
   Circular Threaded
892-005 GLENAIR-892-005 Datasheet
591Kb / 2P
   Circular Threaded
More results

Similar Description - 892-004

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
892-002 GLENAIR-892-002 Datasheet
605Kb / 2P
   Circular Breakaway
893-008 GLENAIR-893-008 Datasheet
520Kb / 2P
   Circular Breakaway
893-010 GLENAIR-893-010 Datasheet
1Mb / 3P
   Circular Breakaway
892-000 GLENAIR-892-000 Datasheet
648Kb / 2P
   Circular Breakaway
893-011 GLENAIR-893-011 Datasheet
1Mb / 3P
   Circular Threaded
892-001 GLENAIR-892-001 Datasheet
649Kb / 2P
   Circular Threaded
logo
TE Connectivity Ltd
1-1773922-5 TEC-1-1773922-5 Datasheet
3Mb / 54P
   CIRCULAR BACKSHELLS
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Glenair, Inc.
893-009 GLENAIR-893-009 Datasheet
613Kb / 2P
   Circular Threaded
892-003 GLENAIR-892-003 Datasheet
676Kb / 2P
   Circular Threaded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com