Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWS486_V6 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS486_V6
Description  GaAs DC-6 GHz SPDT Terminated Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS486_V6 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS486_V6_15 Datasheet HTML 1Page - Hexawave, Inc HWS486_V6_15 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS486
GaAs DC-6 GHz SPDT Terminated Switch
August 2011 V6
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
Low Insertion Loss: 0.50 dB @ 2.7 GHz
0.60 dB @ 5.8 GHz
Isolation: 29 dB @ 2.7 GHz
22 dB @ 5.8 GHz
Low DC Power Consumption
Miniature USON6L (1.5x1.5x0.4 mm) Using
Lead (Pb) free materials with RoHS
compliant
PHEMT process
Description
The HWS486 is a GaAs PHEMT MMIC SPDT
switch operating at DC-6 GHz in a miniature
USON6L (1.5 x 1.5 x 0.4 mm) plastic lead (Pb) free
package. The HWS486 features low insertion loss
and
high
isolation
with
very
low
DC
power
consumption. This switch can be used in WiMAX or
IEEE 802.11a/b/g WLAN PC card and access point
applications as transmit/receive switch, antenna
diversity switch, or band-selection switch.
USON6L (1.5x1.5X0.4 mm)
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
0.10-6.00 GHz
2.30-2.70 GHz
3.30-3.90 GHz
5.15-5.88 GHz
0.60
0.50
0.50
0.60
0.80
0.80
0.90
dB
dB
dB
dB
Isolation (INPUT Port to Off Port)
0.10-6.00 GHz
2.30-2.70 GHz
3.30-3.90 GHz
5.15-5.88 GHz
25
23
18
22
29
27
22
dB
dB
dB
dB
Isolation (OUTPUT1 Port to
OUTPUT2 Port)
0.10-6.00 GHz
2.30-2.70 GHz
3.30-3.90 GHz
5.15-5.88 GHz
18
24
21
18
dB
dB
dB
dB
Return Loss (On Port)
0.10-6.00 GHz
20
dB
Return Loss (Off Port)
0.10-6.00 GHz
12
dB
Input Power for One dB Compression
2.00-6.00 GHz
@+3V
@+5V
36
38
dBm
dBm
Control Current
No RF Power Input
3
10
uA
Note: All measurements made in a 50 ohm system with 0/+3.0V control voltages, unless otherwise specified.


Similar Part No. - HWS486_V6_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS486 HW-HWS486 Datasheet
86Kb / 2P
   GaAs DC-6 GHz SPDT Terminated Switch
More results

Similar Description - HWS486_V6_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS447_V6 HW-HWS447_V6_15 Datasheet
62Kb / 2P
   GaAs DC-6 GHz SPDT Terminated Switch
HWS486 HW-HWS486 Datasheet
86Kb / 2P
   GaAs DC-6 GHz SPDT Terminated Switch
HWS447 HW-HWS447 Datasheet
99Kb / 2P
   GaAs DC-6 GHz SPDT Terminated Switch
HWS531_V2 HW-HWS531_V2 Datasheet
54Kb / 3P
   GaAs 0.5-6 GHz SPDT Terminated Switch
HWS429 HW-HWS429 Datasheet
88Kb / 3P
   GaAs DC-3 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
   GaAs DC-2.0 GHz SPDT Terminated Switch
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
   GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
   GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS434 HW-HWS434 Datasheet
74Kb / 2P
   GaAs DC-2.5 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
SW-442 MA-COM-SW-442 Datasheet
126Kb / 4P
   GaAs SPDT Terminated Switch DC - 3.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com