Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6230 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S6230
Description  SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 20 dBm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6230 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S6230 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6230 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6230 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6230 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6230 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Typical Performance Data
-40
-35
-30
-25
-20
-15
-10
-5
0
0
100
200
300
400
500
600
700
800
900
1000
Freq.(MHz)
Low Loss State
Insertion Loss
Return Loss
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
600
700
800
900
1000
Freq.(MHz)
Isolation State
Isolation
Return Loss
SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To +20 dBm from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To +20 dBm PE71S6230
PE71S6230 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To +20 dBm
PE71S6230
PIN Diode Switches Technical Data Sheet
PE71S6230
SMA SPST PIN Diode Switch Operating From
10 MHz to 1,000 MHz Up To +20 dBm


Similar Part No. - PE71S6230

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6231 PASTERNACK-PE71S6231 Datasheet
439Kb / 5P
   PIN Diode Switches Technical Data Sheet
PE71S6232 PASTERNACK-PE71S6232 Datasheet
443Kb / 5P
   PIN Diode Switches Technical Data Sheet
PE71S6233 PASTERNACK-PE71S6233 Datasheet
522Kb / 5P
   PIN Diode Switches Technical Data Sheet
PE71S6234 PASTERNACK-PE71S6234 Datasheet
447Kb / 5P
   PIN Diode Switches Technical Data Sheet
PE71S6235 PASTERNACK-PE71S6235 Datasheet
519Kb / 5P
   PIN Diode Switches Technical Data Sheet
More results

Similar Description - PE71S6230

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7164 PASTERNACK-PE7164 Datasheet
276Kb / 3P
   50 Ohm SMA SPST PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE71S2007 PASTERNACK-PE71S2007 Datasheet
502Kb / 6P
   SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 30 dBm
PE71S2008 PASTERNACK-PE71S2008 Datasheet
486Kb / 6P
   SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE7132 PASTERNACK-PE7132 Datasheet
282Kb / 3P
   50 Ohm SMA Transfer PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 2 Watts
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
   SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
PE7169 PASTERNACK-PE7169 Datasheet
268Kb / 3P
   50 Ohm 2.92mm SPST PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7166 PASTERNACK-PE7166 Datasheet
279Kb / 3P
   50 Ohm SMA SP3T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
   50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7165 PASTERNACK-PE7165 Datasheet
270Kb / 3P
   50 Ohm SMA SP2T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7168 PASTERNACK-PE7168 Datasheet
292Kb / 3P
   50 Ohm SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com