Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S2015 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S2015
Description  SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S2015 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S2015 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S2015 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S2015 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S2015 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S2015 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S2015 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Typical Performance Data
-10
-8
-6
-4
-2
0
2.00
5.31
8.62
11.93
15.24
18.55
21.86
25.18
Freq.(GHz)
Insertion Loss
Insertion Loss
-50
-40
-30
-20
-10
0
2.00
5.31
8.62
11.93
15.24
18.55
21.86
25.18
Freq.(GHz)
Return Loss
Port 1 RL
Port 2 RL
PE71S2015 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To +30 dBm
PE71S2015
PIN Diode Switches Technical Data Sheet
PE71S2015
SMA SPST PIN Diode Switch Operating From
2 GHz to 26.5 GHz Up To +30 dBm


Similar Part No. - PE71S2015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
   SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2011 PASTERNACK-PE71S2011 Datasheet
502Kb / 6P
   2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 30 dBm
PE71S2012 PASTERNACK-PE71S2012 Datasheet
485Kb / 6P
   2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 30 dBm
PE71S2013 PASTERNACK-PE71S2013 Datasheet
452Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2014 PASTERNACK-PE71S2014 Datasheet
442Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
More results

Similar Description - PE71S2015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S2016 PASTERNACK-PE71S2016 Datasheet
487Kb / 6P
   SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
   SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2007 PASTERNACK-PE71S2007 Datasheet
502Kb / 6P
   SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
   SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S2020 PASTERNACK-PE71S2020 Datasheet
432Kb / 6P
   2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PE71S2019 PASTERNACK-PE71S2019 Datasheet
451Kb / 6P
   2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PE71S2008 PASTERNACK-PE71S2008 Datasheet
486Kb / 6P
   SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S6208 PASTERNACK-PE71S6208 Datasheet
551Kb / 6P
   SMA SPDT PIN Diode Switch Operating From 2 GHz to 4 GHz Up To plus 30 dBm
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
   SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2009 PASTERNACK-PE71S2009 Datasheet
451Kb / 5P
   SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com