Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGBR15V60L-T27-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR15V60L-T27-R
Description  MOS GATED BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR15V60L-T27-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR15V60L-T27-R Datasheet HTML 1Page - Unisonic Technologies MGBR15V60L-T27-R Datasheet HTML 2Page - Unisonic Technologies MGBR15V60L-T27-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR15V60
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-247.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage (Note 1)
VRM
60
V
Working Peak Reverse Voltage
VRWM
60
V
Peak Repetitive Reverse Voltage
VRRM
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Rectified Output Current
TC=125°C
IO
15
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
200
A
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
73
°C/W
Junction to Case
θJC
13
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.50mA
60
V
Forward Voltage Drop
VFM
IF=15A, TC=25°C
0.6
V
IF=15A, TC=125°C
0.55
V
Peak Reverse Current at Rated DC
Blocking Voltage (Note 1)
IRM
VR=60V, TC=25°C
500
μA
VR=60V, TC=125°C
50
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.
3. Mounted on an FR4 PCB, single-sided copper, with 100cm
2 copper pad area.


Similar Part No. - MGBR15V60L-T27-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR15V30 UTC-MGBR15V30 Datasheet
136Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR15V30G-T27-R UTC-MGBR15V30G-T27-R Datasheet
136Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR15V30L-T27-R UTC-MGBR15V30L-T27-R Datasheet
136Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR15V40 UTC-MGBR15V40 Datasheet
136Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR15V40G-T27-R UTC-MGBR15V40G-T27-R Datasheet
136Kb / 3P
   MOS GATED BARRIER RECTIFIER
More results

Similar Description - MGBR15V60L-T27-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR10L40 UTC-MGBR10L40 Datasheet
125Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR12L45 UTC-MGBR12L45 Datasheet
171Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR15L45 UTC-MGBR15L45 Datasheet
127Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR10U45 UTC-MGBR10U45 Datasheet
140Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR15S50 UTC-MGBR15S50 Datasheet
126Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR20S50 UTC-MGBR20S50 Datasheet
123Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR20L100 UTC-MGBR20L100 Datasheet
159Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR20S50 UTC-MGBR20S50_15 Datasheet
166Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR12L30 UTC-MGBR12L30 Datasheet
125Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR12L40 UTC-MGBR12L40 Datasheet
125Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR15L30 UTC-MGBR15L30 Datasheet
126Kb / 3P
   MOS GATED BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com