Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M35071-067SP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M35071-067SP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35071-067SP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M35071-067SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35071-067SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35071-067SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35071-067SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35071-067SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35071-067SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35071-067SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35071-067SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35071-067SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35071-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
9
PTC0
PTC1
PTC2
PTC3
PTC4
PTC5
PTD0
PTD1
PTD2
PTD3
PTD4
PTD5
PTD6
PTD7
RSEL0
P0 output (port P0).
BLNK0 output.
P1 output (port P1).
R signal output.
P2 output (port P2).
Can not be used.
P3 output (port P3).
G signal output.
P4 output (port P4).
Can not be used.
P5 output (port P5).
B signal output.
“L” output or negative polarity output (BLNK0 output).
“H” output or positive polarity output (BLNK0 output).
“L” output or negative polarity output (R signal output).
“H” output or positive polarity output (R signal output).
“L” output.
“H” output.
“L” output or negative polarity output (G signal output).
“H” output or positive polarity output (G signal output).
“L” output.
“H” output.
“L” output or negative polarity output (B signal output).
“H” output or positive polarity output (B signal output).
“L” output.
“H” output.
“L” output.
“H” output.
For setting, see REGISTER SUPPLYMENTARY DESCRIPTION
(2).
P0 pin output control.
P1 pin output control.
P2 pin output control.
P3 pin output control.
P4 pin output control.
P5 pin output control.
P0 pin data control.
P1 pin data control.
P2 pin data control.
P3 pin data control.
P4 pin data control.
P5 pin data control.
P6 pin data control.
P7 pin data control.
Set display frequency range.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(2) Address 12116
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
Remarks
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1",
data is written into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to "1".


Similar Part No. - M35071-067SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M35071-XXXFP RENESAS-M35071-XXXFP Datasheet
463Kb / 40P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35071-XXXSP RENESAS-M35071-XXXSP Datasheet
463Kb / 40P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results

Similar Description - M35071-067SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
logo
Renesas Technology Corp
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35049-XXXFP RENESAS-M35049-XXXFP Datasheet
438Kb / 39P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
   SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35017-XXXSP RENESAS-M35017-XXXSP Datasheet
1Mb / 31P
   SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com