Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWL26NPB_V1 Datasheet(PDF) 7 Page - Hexawave, Inc

Part # HWL26NPB_V1
Description  L-Band GaAs Power FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWL26NPB_V1 Datasheet(HTML) 7 Page - Hexawave, Inc

  HWL26NPB_V1_15 Datasheet HTML 1Page - Hexawave, Inc HWL26NPB_V1_15 Datasheet HTML 2Page - Hexawave, Inc HWL26NPB_V1_15 Datasheet HTML 3Page - Hexawave, Inc HWL26NPB_V1_15 Datasheet HTML 4Page - Hexawave, Inc HWL26NPB_V1_15 Datasheet HTML 5Page - Hexawave, Inc HWL26NPB_V1_15 Datasheet HTML 6Page - Hexawave, Inc HWL26NPB_V1_15 Datasheet HTML 7Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HWL26NPB
L-Band GaAs Power FET
Autumn 2002 V1
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan, R.O.C..
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
Email: sales@hw.com.tw All specifications are subject to change without notice.
Small Signal Common Source Scattering Parameters
S-MAGN AND ANGLES
VDS=3V, IDS=0.5IDSS
(GHz)
lS11l
ANG
lS21l
ANG
lS12l
ANG
lS22l
ANG
0.70
0.852
-45.16
6.569
139.76
0.034
78.69
0.365
-7.33
0.80
0.838
-50.62
6.407
135.18
0.038
77.75
0.366
-10.69
0.90
0.792
-57.11
6.197
130.67
0.043
76.01
0.361
-10.33
1.00
0.771
-62.51
5.979
125.61
0.046
75.65
0.343
-13.91
1.10
0.737
-68.57
5.765
121.30
0.051
74.78
0.340
-14.06
1.20
0.709
-74.22
5.553
117.28
0.055
73.97
0.327
-14.50
1.30
0.680
-79.64
5.332
113.10
0.059
73.15
0.314
-16.26
1.40
0.655
-84.94
5.160
109.33
0.063
72.08
0.313
-16.89
1.50
0.634
-90.22
4.944
105.60
0.067
71.52
0.295
-18.69
1.60
0.610
-95.29
4.788
102.08
0.070
70.86
0.291
-20.05
1.70
0.594
-100.33
4.590
98.84
0.074
69.88
0.277
-21.10
1.80
0.577
-105.26
4.411
95.45
0.079
68.43
0.269
-22.33
1.90
0.563
-109.91
4.251
92.34
0.083
68.26
0.259
-23.24
2.00
0.550
-114.47
4.091
89.24
0.085
66.88
0.255
-25.65
2.10
0.539
-118.36
3.956
87.04
0.087
67.25
0.264
-26.72
2.20
0.530
-122.86
3.863
84.19
0.091
66.75
0.248
-27.74
2.30
0.518
-126.15
3.734
81.65
0.095
66.03
0.245
-28.92
2.40
0.512
-129.86
3.607
79.03
0.100
65.10
0.236
-30.17
2.50
0.502
-133.25
3.498
76.52
0.100
65.41
0.248
-31.31
2.60
0.498
-136.45
3.414
74.44
0.103
65.37
0.249
-33.33
2.70
0.493
-139.43
3.316
71.73
0.108
63.76
0.233
-34.51
2.80
0.489
-142.25
3.227
69.73
0.113
63.88
0.235
-36.37
2.90
0.484
-145.43
3.125
67.19
0.117
63.15
0.223
-37.89
3.00
0.476
-148.68
3.054
65.02
0.117
63.33
0.246
-38.91
S-MAGN AND ANGLES
VDS=5V, IDS=0.5IDSS
(GHz)
lS11l
ANG
lS21l
ANG
lS12l
ANG
lS22l
ANG
0.7
0.825
-42.252
6.263
133.606
0.039
81.786
0.419
-7.727
0.8
0.769
-47.655
5.963
128.049
0.044
81.199
0.424
-6.680
0.9
0.729
-52.237
5.737
122.885
0.050
80.755
0.426
-9.362
1.0
0.687
-56.789
5.502
117.922
0.055
77.832
0.423
-11.601
1.1
0.654
-61.609
5.246
113.612
0.060
77.832
0.421
-9.403
1.2
0.618
-66.532
5.018
108.590
0.066
75.990
0.403
-11.206
1.3
0.580
-70.139
4.813
104.780
0.072
75.660
0.412
-11.638
1.4
0.553
-73.857
4.626
100.689
0.077
73.599
0.401
-13.466
1.5
0.513
-78.045
4.436
96.782
0.082
73.032
0.404
-14.595
1.6
0.488
-81.656
4.270
92.983
0.089
71.453
0.395
-16.103
1.7
0.455
-84.840
4.102
89.628
0.095
70.808
0.394
-16.862
1.8
0.430
-89.067
3.955
86.122
0.099
69.222
0.387
-17.974
1.9
0.405
-92.816
3.822
82.645
0.105
67.634
0.384
-19.888
2.0
0.381
-96.275
3.702
79.500
0.111
66.740
0.378
-21.572
2.1
0.357
-99.787
3.566
76.269
0.117
65.899
0.371
-22.786
2.2
0.336
-103.803
3.457
73.178
0.123
64.208
0.367
-24.877
2.3
0.313
-107.867
3.348
70.291
0.128
63.071
0.359
-26.341
2.4
0.294
-112.058
3.250
67.164
0.135
61.964
0.357
-27.997
2.5
0.274
-116.074
3.151
64.479
0.140
60.489
0.348
-29.149
2.6
0.258
-120.528
3.059
61.696
0.146
59.346
0.346
-30.774
2.7
0.243
-125.779
2.976
58.966
0.152
58.126
0.336
-32.702
2.8
0.231
-130.737
2.897
56.260
0.159
56.710
0.332
-34.200
2.9
0.218
-136.317
2.825
53.532
0.164
55.492
0.327
-35.797
3.0
0.207
-142.442
2.753
51.009
0.170
54.069
0.317
-37.416


Similar Part No. - HWL26NPB_V1_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWL26NPB HW-HWL26NPB Datasheet
107Kb / 7P
   L-Band GaAs Power FET
More results

Similar Description - HWL26NPB_V1_15

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWF1681RA HW-HWF1681RA Datasheet
145Kb / 3P
   L-Band GaAs Power FET
HWF1682RA HW-HWF1682RA Datasheet
103Kb / 3P
   L-Band GaAs Power FET
HWL23NPB HW-HWL23NPB Datasheet
109Kb / 7P
   L-Band GaAS Power FET
HWL26NPA HW-HWL26NPA Datasheet
72Kb / 2P
   L-Band GaAs POWER FET
HWL36YRF HW-HWL36YRF Datasheet
91Kb / 3P
   L-Band GaAs Power FET
HWL27NPB_V1 HW-HWL27NPB_V1_15 Datasheet
101Kb / 4P
   L-Band GaAs Power FET
HWF1686RA_V3 HW-HWF1686RA_V3_15 Datasheet
114Kb / 3P
   L-Band GaAs Power FET
HWL34YRA HW-HWL34YRA Datasheet
94Kb / 4P
   L-Band GaAs Power FET
HWF1686RA HW-HWF1686RA Datasheet
106Kb / 3P
   L-Band GaAs Power FET
HWF1681RA_V3 HW-HWF1681RA_V3_15 Datasheet
158Kb / 3P
   L-Band GaAs Power FET
HWL34YRF_V1 HW-HWL34YRF_V1_15 Datasheet
100Kb / 3P
   L-Band GaAs Power FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com