Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A7000 Datasheet(PDF) 8 Page - Pasternack Enterprises, Inc.

Part # PE15A7000
Description  50 dB Gain, 14 dBm P1dB, 100 MHz to 18 GHz, Variable Gain Amplifier, 6.5 dB NF, SMA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A7000 Datasheet(HTML) 8 Page - Pasternack Enterprises, Inc.

  PE15A7000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE15A7000 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PE15A7000 REV 1.0
50 dB Gain, 14 dBm P1dB, 100 MHz to 18 GHz, Variable Gain Amplifier, 6.5 dB NF, SMA
PE15A7000 CAD Drawing


Similar Part No. - PE15A7000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A7000 PASTERNACK-PE15A7000_16 Datasheet
523Kb / 9P
   50 dB Gain, 14 dBm P1dB, 100 MHz to 18 GHz, Rack Mount, Variable Gain Amplifier, 6.5 dB NF, SMA
More results

Similar Description - PE15A7000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A7000 PASTERNACK-PE15A7000_16 Datasheet
523Kb / 9P
   50 dB Gain, 14 dBm P1dB, 100 MHz to 18 GHz, Rack Mount, Variable Gain Amplifier, 6.5 dB NF, SMA
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
   11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
PE15A1028 PASTERNACK-PE15A1028 Datasheet
520Kb / 5P
   40 dB Gain, 0.7 dB NF, 12 dBm P1dB, 1.2 GHz
PE15A3268 PASTERNACK-PE15A3268 Datasheet
374Kb / 3P
   5.5 dB NF, 10 dBm P1dB, 18 GHz to 40 GHz, Low Noise Broadband Amplifier, 18 dB Gain, 2.4mm
PE15A1023 PASTERNACK-PE15A1023 Datasheet
406Kb / 5P
   1.5 dB NF, 10 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 25 dB Gain, SMA
PE15A1012 PASTERNACK-PE15A1012 Datasheet
406Kb / 3P
   40 dB Gain, 0.8 dB NF, 18 dBm, 10 MHz to
PE15A1017 PASTERNACK-PE15A1017 Datasheet
429Kb / 6P
   35 dBm IP3, 2 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 14.5 dB Gain, SMA
PE15A1024 PASTERNACK-PE15A1024 Datasheet
407Kb / 5P
   1.5 dB NF, 17 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 35 dB Gain, SMA
PE15A1018 PASTERNACK-PE15A1018 Datasheet
431Kb / 6P
   34 dBm IP3, 2.6 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 29 dB Gain, SMA
PE15A3024 PASTERNACK-PE15A3024 Datasheet
460Kb / 5P
   24.5 dBm P1dB, 12.4 GHz to 26.5 GHz, Medium Power Broadband Amplifier, 35 dB Gain, 3 dB NF, SMA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com