Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A5021 Datasheet(PDF) 8 Page - Pasternack Enterprises, Inc.

Part # PE15A5021
Description  43 dB Gain, 3 Watt P1dB, 14.4 GHz to 15.4 GHz, Medium Power High Gain Amplifier, 41 dBm IP3, SMA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5021 Datasheet(HTML) 8 Page - Pasternack Enterprises, Inc.

  PE15A5021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5021 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5021 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5021 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5021 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A5021 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A5021 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE15A5021 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE15A5021 Datasheet HTML 9Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
TECHNICAL DATA SHEET
43 dB Gain, 3 Watt P1dB, 14.4 GHz to 15.4 GHz, Medium Power High Gain Amplifier, 41 dBm IP3, SMA from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 43 dB Gain, 3 Watt P1dB, 14.4 GHz to 15.4 GHz, Medium Power High Gain Amplifier, 41 dBm
IP3, SMA PE15A5021
URL: http://www.pasternack.com/43-db-gain-15.4-ghz-medium-power-high-gain-amplifier-ip3-sma-pe15a5021-p.aspx
PE15A5021
PE15A5021 REV 1.0
43 dB Gain, 3 Watt P1dB, 14.4 GHz to 15.4 GHz, Medium
Power High Gain Amplifier, 41 dBm IP3, SMA


Similar Part No. - PE15A5021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5020 PASTERNACK-PE15A5020 Datasheet
807Kb / 8P
   Unconditionally Stable
PE15A5022 PASTERNACK-PE15A5022 Datasheet
560Kb / 7P
   Linear Power 40 dBm typ
PE15A5023 PASTERNACK-PE15A5023 Datasheet
700Kb / 7P
   TECHNICAL DATA SHEET
PE15A5024 PASTERNACK-PE15A5024 Datasheet
538Kb / 5P
   Unconditionally Stable
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
   2 GHz to 6 GHz Frequency Range
More results

Similar Description - PE15A5021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5034F PASTERNACK-PE15A5034F Datasheet
893Kb / 9P
   2 Watt Psat, 800 MHz to 4.2 GHz, Medium Power Amplifier, 31 dB Gain, 41 dBm IP3, SMA
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
   11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
   44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5010 PASTERNACK-PE15A5010 Datasheet
521Kb / 8P
   58 dB Gain, 50 Watt P1dB, 925 MHz to 2 GHz, High Power High Gain Amplifier, 66 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
   44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5013 PASTERNACK-PE15A5013 Datasheet
497Kb / 5P
   5 Watt P1dB, 500 MHz to 2.8 GHz, High Power Amplifier, 37 dB Gain, 52 dBm IP3, SMA
PE15A3024 PASTERNACK-PE15A3024 Datasheet
460Kb / 5P
   24.5 dBm P1dB, 12.4 GHz to 26.5 GHz, Medium Power Broadband Amplifier, 35 dB Gain, 3 dB NF, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
   40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
   40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A3022 PASTERNACK-PE15A3022 Datasheet
447Kb / 5P
   1 Watt P1dB, 300 MHz to 18 GHz, Medium Power Broadband Amplifier, 37 dB Gain, 42 dBm IP3, 3.5 dB NF, SMA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com