Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53515 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS53515
Description  TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53515 Datasheet(HTML) 1 Page - Texas Instruments

  TPS53515_15 Datasheet HTML 1Page - Texas Instruments TPS53515_15 Datasheet HTML 2Page - Texas Instruments TPS53515_15 Datasheet HTML 3Page - Texas Instruments TPS53515_15 Datasheet HTML 4Page - Texas Instruments TPS53515_15 Datasheet HTML 5Page - Texas Instruments TPS53515_15 Datasheet HTML 6Page - Texas Instruments TPS53515_15 Datasheet HTML 7Page - Texas Instruments TPS53515_15 Datasheet HTML 8Page - Texas Instruments TPS53515_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TPS53515
1
2
3
4
5
6
7
8
9
22
21
20
19
18
17
16
15
PGND
VIN
10
EN
11
12
13
14
PGND
PGND
PGND
PGND
PGOOD
23
28
GND2
27
GND1
26
DNC
25
TRIP
24
VO
Thermal Pad
VOUT
VREG
60
70
80
90
100
0
2
4
6
8
10
12
Output Current (A)
Vout = 0.6 V
Vout = 1 V
Vout = 1.2 V
Vout = 1.5 V
Vout = 1.8 V
Vout = 2.5 V
Vout = 3.3 V
Vout = 5 V
C003
f
SW = 500 KHz, VIN = 12 V, VDD = 5 V
T
A = 25°C, L OUT = 1 H, Mode = Auto-skip
V
OUT = 0.6 V
V
OUT = 1.2 V
V
OUT = 1.8 V
V
OUT = 3.3 V
V
OUT = 1 V
V
OUT = 1.5 V
V
OUT = 2.5 V
V
OUT = 5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS53515
SLUSBN5B – AUGUST 2013 – REVISED JULY 2015
TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input,
12-A Single Synchronous Step-Down SWIFT™ Converter
1 Features
3 Description
The TPS53515 device is a small-sized, synchronous
1
Integrated 13.8-m
Ω and 5.9-mΩ MOSFETs With
buck converter with an adaptive on-time D-CAP3
12-A Continuous Output Current
control mode. The device offers ease-of-use and low
Supports All Ceramic Output Capacitors
external-component count for space-conscious power
Reference Voltage 600 mV ±0.5% Tolerance
systems.
Output Voltage Range: 0.6 V to 5.5 V
This device features high-performance integrated
D-CAP3™ Control Mode With Fast Load-Step
MOSFETs, accurate 0.5% 0.6-V reference, and an
integrated boost switch. Competitive features include
Response SWIFT™
very
low
external-component
count,
fast
load-
Auto-Skipping Eco-mode™ for High Light-Load
transient
response,
auto-skip
mode
operation,
Efficiency
internal soft-start control, and no requirement for
FCCM for Tight Output Ripple and Voltage
compensation.
Requirements
A forced continuous conduction mode helps meet
Eight Selectable Frequency Settings from
tight voltage regulation accuracy requirements for
250 kHz to 1 MHz
performance DSPs and FPGAs. The TPS53515
Precharged Startup Capability
device is available in a 28-pin VQFN-CLIP package
and is specified from –40°C to 85°C ambient
Built-in Output Discharge Circuit
temperature.
Open-Drain Power-Good Output
3.5 mm × 4.5 mm, 28-Pin, VQFN-CLIP Package
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
TPS53515
VQFN-CLIP (28)
4.50 mm × 3.50 mm
Server and Cloud-Computing POLs
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Broadband, Networking, and Optical
Communications Infrastructure
I/O Supplies
Supported at the WEBENCH® Design Center
Simplified Schematic
Efficiency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS53515_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53515EVM-587 TI-TPS53515EVM-587 Datasheet
476Kb / 20P
[Old version datasheet]   High Performance 12-A, Single-Synchronous, Step-Down Converter
TPS53515RVER TI1-TPS53515RVER Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53515RVET TI1-TPS53515RVET Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
More results

Similar Description - TPS53515_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53515 TI1-TPS53515 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS53513 TI1-TPS53513 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com