Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR145 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR145
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR145 Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR145_15 Datasheet HTML 1Page - Unisonic Technologies MBR145_15 Datasheet HTML 2Page - Unisonic Technologies MBR145_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR145
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-200.d
1.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR145 is a 1.0A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high
surge capability, high efficiency, high current capability, low power
loss and low forward voltage drop, etc.
The UTC MBR145 is suitable for free wheeling and polarity
protection, etc.
FEATURES
* Low Reverse Current
* Low Stored Charge, Majority Carrier Conduction
* Low Power Loss/High Efficiency
* Highly Stable Oxide Passivated Junction
SYMBOL
DO-41
SOD-123
SOD-323
+
-
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
MBR145L-CA2-R
MBR145G-CA2-R
SOD-123
K
A
Tape Reel
MBR145L-CB2-R
MBR145G-CB2-R
SOD-323
K
A
Tape Reel
MBR145L-Z41-R
MBR145G-Z41-R
DO-41
K
A
Tape Reel
MBR145L-Z41-B
MBR145G-Z41-B
DO-41
K
A
Tape Box
Note: Pin Assignment: A: Anode
K: Cathode
(1) R: Tape Reel, B: Tape Box
(2) CA2: SOD-123, CB2: SOD-323, Z41: DO-41
(3) L: Lead Free, G: Halogen Free
SB145L-CA2-R
(1)Packing Type
(2)Package Type
(3)Lead Free
MARKING
SOD-123 / SOD-323
DO-41
MBR145
Date Code
L: Lead Free
G: Halogen Free
Cathode Band for uni-directional Only


Similar Part No. - MBR145_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR145G-CA2-R UTC-MBR145G-CA2-R Datasheet
148Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
MBR145G-CB2-R UTC-MBR145G-CB2-R Datasheet
148Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
MBR145G-Z41-R UTC-MBR145G-Z41-R Datasheet
148Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
MBR145L-CA2-R UTC-MBR145L-CA2-R Datasheet
148Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
MBR145L-CB2-R UTC-MBR145L-CB2-R Datasheet
148Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR145_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com