Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53125 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS53125
Description  TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53125 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS53125_15 Datasheet HTML 5Page - Texas Instruments TPS53125_15 Datasheet HTML 6Page - Texas Instruments TPS53125_15 Datasheet HTML 7Page - Texas Instruments TPS53125_15 Datasheet HTML 8Page - Texas Instruments TPS53125_15 Datasheet HTML 9Page - Texas Instruments TPS53125_15 Datasheet HTML 10Page - Texas Instruments TPS53125_15 Datasheet HTML 11Page - Texas Instruments TPS53125_15 Datasheet HTML 12Page - Texas Instruments TPS53125_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Control Logic
On/Off time
Minimun On/Off
OVP/UVP,
Discharge
Control
XCON
OCP
ERR
COMP
OV
UV
ENx
VOx
PGNDx
LLx
VOx
Fault
Sdn
V50K
VBSTx
DRVHx
SWx
VREG5
VREG5
DRVLx
PGNDx
V5FILT
GND
Ref
VFBx
TRIPx
–30%
+15%
SSx
GND
IصA
LL
PGNDx
1 Shot
TPS53125
www.ti.com
SLVS947C – OCTOBER 2009 – REVISED AUGUST 2014
Functional Block Diagrams (continued)
8.3 Feature Description
8.3.1 PWM Operation
The main control loop of the TPS53125 is an adaptive on-time pulse width modulation (PWM) controller using a
proprietary D-CAP2™ mode control. D-CAP2™ mode control combines constant on-time control with an internal
compensation circuit for pseudo-fixed frequency and low external component count configuration with both low
ESR and ceramic output capacitors. It is stable even with virtually no ripple at the output.
At the beginning of each cycle, the synchronous high-side MOSFET is turned on. After an internal one-shot timer
expires, this MOSFET is turned off. When the feedback voltage falls below the reference voltage, the one-shot
timer is reset and the high-side MOSFET is turned back on. The one shot is set by the converter input voltage
VIN, and the output voltage VO, to maintain a pseudo-fixed frequency over the input voltage range. An internal
ramp is added to the reference voltage to simulate output ripple, eliminating the need for ESR induced output
ripple from D-CAP mode control.
8.3.2 Drivers
Each channel of the TPS53125 contains two high-current resistive MOSFET gate drivers. The low-side driver is a
PGND referenced, VREG5 powered driver designed to drive the gate of a high-current, low RDS(ON) N-channel
MOSFET whose source is connected to PGND. The high-side driver is a floating SWx referenced VBST powered
driver designed to drive the gate of a high-current, low RDS(ON) N-channel MOSFET. To maintain the VBST
voltage during the high-side driver ON time, a capacitor is placed from SWx to VBSTx. Each driver draws
average current equal to gate charge (Qg at Vgs = 5 V) times switching frequency (fSW).
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS53125_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53125PW TI-TPS53125PW Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125PWR TI-TPS53125PWR Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125RGER TI-TPS53125RGER Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125RGET TI-TPS53125RGET Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results

Similar Description - TPS53125_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com