Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53124 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS53124
Description  TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53124 Datasheet(HTML) 1 Page - Texas Instruments

  TPS53124_15 Datasheet HTML 1Page - Texas Instruments TPS53124_15 Datasheet HTML 2Page - Texas Instruments TPS53124_15 Datasheet HTML 3Page - Texas Instruments TPS53124_15 Datasheet HTML 4Page - Texas Instruments TPS53124_15 Datasheet HTML 5Page - Texas Instruments TPS53124_15 Datasheet HTML 6Page - Texas Instruments TPS53124_15 Datasheet HTML 7Page - Texas Instruments TPS53124_15 Datasheet HTML 8Page - Texas Instruments TPS53124_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
L2
SGND
TPS53124RGE
(QFN24)
DRVH2
VBST2
EN2
LL1
DRVL1
DRVH1
VBST1
EN1
PGND2
PGND1
DRVL2
LL2
C3
3.3uH
C9
C1
VO2
1.8V
C5
0.1uF
Input Voltage
PGND
1.05 V
4.7uF
C4
C6
Q4
3.3uH
PGND
Q3
R4
R5
R2
R1
C2
0.1uF
Q1
Q2
PGND
SGND
VO1
C7
4.7 uF
C8
1 uF
R6
R3
24
22
23
19
20
21
13
14
15
16
17
18
8
9
10
11
12
7
1
2
3
4
5
6
Power PAD
PGND
SGND
4.7uF
L1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS53124
SLUS825C – FEBRUARY 2008 – REVISED AUGUST 2014
TPS53124 Dual Synchronous Step-Down Controller
For Low-Voltage Power Rails
1 Features
3 Description
The TPS53124 is a dual, Adaptive on-time DCAP™
1
High Efficiency, Low-Power Consumption
mode synchronous controller. The part enables
D-Cap Mode Enables Fast Transient Response
system designers to cost effectively complete the
High Initial Reference Accuracy
suite of digital TV power bus regulators with the
absolute lowest external component count and lowest
Low Output Ripple
standby consumption. The main control loop for the
Wide Input Voltage Range: 4.5 V to 24 V
TPS53124 uses the D-CAP™ mode that optimized
Output Voltage Range: 0.76 V to 5.5 V
for low ESR output capacitors such as POSCAP or
SP-CAP promises fast transient response with no
Low-Side RDS(on) Loss-less Current Sensing
external
compensation.
The
part
provides
a
Adaptive Gate Drivers with Integrated Boost Diode
convenient and efficient operation with conversion
Internal 1.2-ms Voltage-Servo Soft Start
voltages from 4.5 V to 24 V and output voltage from
Built-In 5-V Linear Regulator
0.76 V to 5.5 V.
The TPS53124 is available in the 24-pin RGE
2 Applications
package and in the 28-pin PW package and is
Digital TV Power Supply
specified from -40°C to 85°C ambient temperature
range.
Networking Home Terminal
Digital STB
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE
TPS53124
PW (28)
9.70 mm x 6.40 mm
TPS53124
QFN (24)
4.00 mm x 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematics
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS53124_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53124PW TI-TPS53124PW Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53124PWR TI-TPS53124PWR Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53124RGER TI-TPS53124RGER Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53124RGET TI-TPS53124RGET Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results

Similar Description - TPS53124_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com