Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53114 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS53114
Description  TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53114 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53114_15 Datasheet HTML 6Page - Texas Instruments TPS53114_15 Datasheet HTML 7Page - Texas Instruments TPS53114_15 Datasheet HTML 8Page - Texas Instruments TPS53114_15 Datasheet HTML 9Page - Texas Instruments TPS53114_15 Datasheet HTML 10Page - Texas Instruments TPS53114_15 Datasheet HTML 11Page - Texas Instruments TPS53114_15 Datasheet HTML 12Page - Texas Instruments TPS53114_15 Datasheet HTML 13Page - Texas Instruments TPS53114_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TPS53114
SLVS887C – APRIL 2009 – REVISED AUGUST 2014
www.ti.com
Feature Description (continued)
8.3.2 Drivers
The TPS53114 contains two high-current resistive MOSFET gate drivers. The low-side driver is a ground
referenced, VREG5 powered driver designed to drive the gate of a high-current, low RDS(on) N-channel MOSFET
whose source is connected to PGND. The high-side driver is a floating SW referenced VBST powered driver
designed to drive the gate of a high-current, low RDS(on) N-channel MOSFET. To maintain the VBST voltage
during the high-side driver ON time, a capacitor is placed from SW to VBST. Each driver draws average current
equal to gate charge (Qg at Vgs = 5 V) times switching frequency (fSW).
To prevent cross-conduction, there is a narrow dead-time when both high-side and low-side drivers are OFF
between each driver transition. During this time the inductor current is carried by one of the MOSFET's body
diodes.
8.3.3 PWM Frequency and Adaptive On-time Control
TPS53114 employs adaptive on-time control scheme and does not have a dedicated on board oscillator.
TPS53114 runs with pseudo-constant frequency by using the input voltage and output voltage to set the on-time
one-shot timer. The on-time is inversely proportional to the input voltage and proportional to the output voltage.
Therefore, when the duty ratio is VOUT/VIN, the frequency is constant.
8.3.4 5-Volt Regulator
The TPS53114 has an internal 5-V low-dropout (LDO) Regulator to provide a regulated voltage for all both
drivers and the IC's internal logic. A high-quality 4.7-
μF or greater ceramic capacitor from VREG5 to GND is
required to stabilize the internal regular. An internal 10-
Ω resistor from VREG5 filters the regulator output to the
IC's analog and logic input voltage, V5FILT. An additional high-quality 1.0-
μF ceramic capacitor is required from
V5FILT to GND to filter switching noise from VREG5.
8.3.5 Soft Start
The TPS53114 has a programmable soft start . When the EN pin becomes high, 2.0-
μA current begins charging
the capacitor which is connected SS pin to GND. Smooth control of the output voltage is maintained during start
up.
8.3.6
Pre-bias Support
The TPS53114 supports pre-bias start-up without sinking current from the output capacitor. When enabled, the
low-side driver is held off until the soft start commands a voltage higher than the pre-bias level (internal soft start
becomes greater than feedback voltage (VFB)), then the TPS53114 slowly activates synchronous rectification by
limiting the first DRVL pulses with a narrow on-time. This limited on-time is then incremented on a cycle-by-cycle
basis until it coincides with the full 1-D off-time. This scheme prevents the initial sinking of current from the pre-
bias output, and ensure that the output voltage (VOUT) starts and ramps up smoothly into regulation and the
control loop is given time to transition from pre-biased start-up to normal mode operation.
8.3.7 Switching Frequency Selection
The TPS53114 allows the user to select from two different switching frequencies by connecting the FSEL pin to
either GND or V5FILT. Connect FSEL to GND for a switching frequency (fsw) of 350 KHz. Connect FSEL to
V5FILT for a switching frequency of 700 KHz.
8.3.8 Output Discharge Control
The TPS53114 discharges the outputs when EN is low, or the controller is turned off by the protection functions
(OVP, UVP, UVLO, and thermal shutdown). The device discharges output using an internal 40-
Ω MOSFET which
is connected to VO and PGND. The external low-side MOSFET is not turned on during the output discharge
operation to avoid the possibility of causing negative voltage at the output. This discharge ensures that, on start,
the regulated voltage always initializes from 0 V.
10
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS53114


Similar Part No. - TPS53114_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53114PW TI-TPS53114PW Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWP TI-TPS53114PWP Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWP TI-TPS53114PWP Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWPR TI-TPS53114PWPR Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWPR TI-TPS53114PWPR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results

Similar Description - TPS53114_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com