Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53015 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS53015
Description  Single Synchronous Step-down Controller for Low Voltage Power Rails
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53015 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS53015_15 Datasheet HTML 5Page - Texas Instruments TPS53015_15 Datasheet HTML 6Page - Texas Instruments TPS53015_15 Datasheet HTML 7Page - Texas Instruments TPS53015_15 Datasheet HTML 8Page - Texas Instruments TPS53015_15 Datasheet HTML 9Page - Texas Instruments TPS53015_15 Datasheet HTML 10Page - Texas Instruments TPS53015_15 Datasheet HTML 11Page - Texas Instruments TPS53015_15 Datasheet HTML 12Page - Texas Instruments TPS53015_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
EN Input Voltage (V)
VIN = 12 V
G003
0
100
200
300
400
500
600
−50
0
50
100
150
Junction Temperature (°C)
VOUT = 1.05 V
VOUT = 1.8 V
VOUT = 3.3 V
IOUT = 3 A
G004
0
200
400
600
800
1000
1200
−50
0
50
100
150
Junction Temperature (°C)
VIN = 12 V
G001
0
2
4
6
8
10
12
−50
0
50
100
150
Junction Temperature (°C)
VIN = 12 V
G002
TPS53015
www.ti.com
SLVSBF0B – JULY 2012 – REVISED AUGUST 2012
TYPICAL CHARACTERISTICS
VIN = 12 V, TA= 25 °C (unless otherwise noted)
VIN SUPPLY CURRENT
VIN SHUTDOWN CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
EN INPUT CURRENT
SWITCHING FREQUENCY
VS
vs
EN INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 3.
Figure 4.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :TPS53015


Similar Part No. - TPS53015_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53015DGS TI-TPS53015DGS Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015DGSR TI-TPS53015DGSR Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
More results

Similar Description - TPS53015_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com