Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51220A-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS51220A-Q1
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51220A-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51220A-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS51220A-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS51220A-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS51220A-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS51220A-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS51220A-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS51220A-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS51220A-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS51220A-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
1
2
3
4
24
23
22
21
DRVH2
VIN
VREG3
EN2
DRVH1
V5SW
RF
EN1
TPS51220A
(QFN32)
5
6
7
8
20
19
18
17
PGOOD2
SKIPSEL2
CSP2
CSN2
PGOOD1
SKIPSEL1
CSP1
CSN1
9
32
31
30
29
28
27
26
25
10
11
12
13
14
15
16
VO1
5.0V
L1
C22
VBAT
PowerPAD
C 02
C01
VREG5
5V/100mA
R23
R13
C11
R11
PGOOD1
EN
EN1
VREG3
3.3V/10mA
Q11
Q12
Q22
Q21
C13
R12
GND
R14
GND
GND
GND
L2
R24
GND
C23
C21
R21
R22
GND
PGOOD2
EN2
VO2
3.3V
C03
R01
PGND
GND
SKIPSEL1
SKIPSEL2
VBAT
VO2
C12
VBAT
VO1
VO1
VREG5
C14
PGND
PGND
PGND
PGND
PGND
PGND
PGND
C24
GND
TPS51220A-Q1
SLUSAI2
– MARCH 2011
www.ti.com
TYPICAL APPLICATION CIRCUIT
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS51220A-Q1


Similar Part No. - TPS51220A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Similar Description - TPS51220A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com