Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MY131A-C Datasheet(PDF) 2 Page - Micro Electronics

Part # MY131A-C
Description  0.3 SINGLE DIGIT NUMERIC DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MY131A-C Datasheet(HTML) 2 Page - Micro Electronics

  MY131A-C Datasheet HTML 1Page - Micro Electronics MY131A-C Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - MY131A-C

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MY132A MICRO-ELECTRONICS-MY132A Datasheet
68Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MY132C MICRO-ELECTRONICS-MY132C Datasheet
68Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MY134A MICRO-ELECTRONICS-MY134A Datasheet
72Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MY134C MICRO-ELECTRONICS-MY134C Datasheet
72Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - MY131A-C

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MS213A MICRO-ELECTRONICS-MS213A Datasheet
75Kb / 2P
   0.3 DUAL DIGIT NUMERIC DISPLAYS
logo
Everlight Electronics C...
ELS-321SURWA EVERLIGHT-ELS-321SURWA Datasheet
120Kb / 7P
   0.3 Single Digit Displays
ELS-322SURWA EVERLIGHT-ELS-322SURWA Datasheet
124Kb / 7P
   0.3 Single Digit Displays
ELS-322UBWA-C470 EVERLIGHT-ELS-322UBWA-C470 Datasheet
139Kb / 6P
   0.3" Single Digit Displays
ELS-322USOWA-S530-A4 EVERLIGHT-ELS-322USOWA-S530-A4 Datasheet
125Kb / 7P
   0.3" Single Digit Displays
ELS-321SYGWA EVERLIGHT-ELS-321SYGWA Datasheet
110Kb / 6P
   0.3 Single Digit Displays
ELS-321USOWA EVERLIGHT-ELS-321USOWA Datasheet
111Kb / 6P
   0.3 Single Digit Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com