Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MO1231A-C Datasheet(PDF) 1 Page - Micro Electronics

Part # MO1231A-C
Description  SEVEN SEGMENT NUMERIC DISPLAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MO1231A-C Datasheet(HTML) 1 Page - Micro Electronics

  MO1231A-C Datasheet HTML 1Page - Micro Electronics MO1231A-C Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - MO1231A-C

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
MO1210 PREMO-MO1210 Datasheet
204Kb / 1P
   Plastic Moulded Inductor High L
MO1210-102K PREMO-MO1210-102K Datasheet
204Kb / 1P
   Plastic Moulded Inductor High L
MO1210-103K PREMO-MO1210-103K Datasheet
204Kb / 1P
   Plastic Moulded Inductor High L
MO1210-104K PREMO-MO1210-104K Datasheet
204Kb / 1P
   Plastic Moulded Inductor High L
MO1210-121M PREMO-MO1210-121M Datasheet
204Kb / 1P
   Plastic Moulded Inductor High L
More results

Similar Description - MO1231A-C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HD1105R SIEMENS-HD1105R Datasheet
86Kb / 2P
   0.39(10MM) SEVEN SEGMENT NUMERIC DISPLAY
logo
Lite-On Technology Corp...
LTD-5521AE LITEON-LTD-5521AE Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
logo
Siemens Semiconductor G...
HD1131R SIEMENS-HD1131R Datasheet
78Kb / 2P
   0.51(13MM) SEVEN SEGMENT NUMERIC DISPLAY
logo
Lite-On Technology Corp...
LTS-5303AP LITEON-LTS-5303AP Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
logo
Siemens Semiconductor G...
HD1075R SIEMENS-HD1075R Datasheet
79Kb / 2P
   0.28(7MM) SEVEN SEGMENT NUMERIC DISPLAY
logo
Lite-On Technology Corp...
LTD-5623AG LITEON-LTD-5623AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTS-5603AG LITEON-LTS-5603AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
logo
Siemens Semiconductor G...
HDN1105 SIEMENS-HDN1105 Datasheet
67Kb / 1P
   0.39(10MM) SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT
HDN1131 SIEMENS-HDN1131 Datasheet
50Kb / 1P
   0.59(13MM) SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT
logo
NTE Electronics
NTE3068 NTE-NTE3068 Datasheet
23Kb / 3P
   0.4??Single Digit Numeric Display Seven Segment, RHDP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com