Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX3519 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # PX3519
Description  Desktop and Server VR12.X Vcore and non-Vcore buck-converters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PX3519 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button PX3519 Datasheet HTML 7Page - Infineon Technologies AG PX3519 Datasheet HTML 8Page - Infineon Technologies AG PX3519 Datasheet HTML 9Page - Infineon Technologies AG PX3519 Datasheet HTML 10Page - Infineon Technologies AG PX3519 Datasheet HTML 11Page - Infineon Technologies AG PX3519 Datasheet HTML 12Page - Infineon Technologies AG PX3519 Datasheet HTML 13Page - Infineon Technologies AG PX3519 Datasheet HTML 14Page - Infineon Technologies AG PX3519 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PX3519
Electrical specification
Datasheet
11
Revision 2.2, 2014-09-19
Table 9
Logic Inputs And Threshold
Parameter
Symbol
Values
Unit
Test conditions
Min.
Typ.
Max.
EN
Input low
T
V
TTB
EN_LTB
0.8
V
Input high
T
V
TTB
EN_HTB
2.0
PWM
Input low
T
V
TTB
PWM_LTB
0.8
V
T
V
TTB
PWMTB falling
Input high
T
V
TTB
PWM_HTB
2.5
T
V
TTB
PWMTB rising
Input resistance
T
R
TTB
IN-PWMTB
-
2.06
-
T
V
TTB
PWMTB = 1 V
Open voltage
T
V
TTB
PWM_OTB
1.6
V
T
V
TTB
PWM_OTB
Tristate shutdown
window
TPFPT
T
V
TTB
PWM_STB
1.2
2.0
Table 10
Timing Characteristics
Parameter
Symbol
Values
Unit
Test conditions
Min.
Typ.
Max.
Upper Gate (UGATE) Output
Shutdown hold off time
tSSHD_U
50
ns
Note, no load
UGATE rise time
tr_U
10
Note
4, 3nF load
UGATE fall time
tf_U
10
Note
4, 3nF load
tri-state to high propagation
delay
tPDTS_U
15
Note, no load
UGATE turn-on propagation
delay
tPDH_U
15
Note, no load
UGATE turn-off propagation
delay
tPDL_U
20
Note, no load
Lower Gate (LGATE) Output
Shutdown hold-off time
tSSHD_L
50
ns
Note, no load
LGATE rise time
tr_L
10
Note
4, 3nF load
LGATE fall time
tf_L
5
Note
4, 3nF load
tri-state to low propagation
delay time
tPDTS_L
15
Note, no load
LGATE turn-on propagation
delay time
tPDH_L
15
Note, no load
LGATE turn-off propagation
delay time
tPDL_L
7
Note, no load
Enable (EN)
Propagation delay Time rising
falling
tPDEN
15
ns
4) Parameter verified by design, not 100% tested in production


Similar Part No. - PX3519

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PX3519 INFINEON-PX3519 Datasheet
1Mb / 21P
   Desktop and Server VR12.X Vcore and non-Vcore buck-converters
Revision 2.3, 2015-10-21
PX3519 INFINEON-PX3519_15 Datasheet
1Mb / 21P
   Desktop and Server VR12.X Vcore and non-Vcore buck-converters
Revision 2.3, 2015-10-21
More results

Similar Description - PX3519

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PX3519 INFINEON-PX3519_15 Datasheet
1Mb / 21P
   Desktop and Server VR12.X Vcore and non-Vcore buck-converters
Revision 2.3, 2015-10-21
TDA21320 INFINEON-TDA21320 Datasheet
1Mb / 36P
   Desktop and Server Vcore and non-Vcore buck-converter
TDA21321 INFINEON-TDA21321 Datasheet
1Mb / 32P
   Desktop and Server Vcore and non-Vcore buck-converter
TDA21310 INFINEON-TDA21310 Datasheet
699Kb / 23P
   Desktop and Server buck-converter
Revision 2.1, 2013-09-05
TDA21242 INFINEON-TDA21242 Datasheet
1Mb / 23P
   Desktop and Server VR buck-converter
2.1 2017-03-07
logo
Semtech Corporation
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
logo
Texas Instruments
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
logo
Infineon Technologies A...
BSC026N08NS5 INFINEON-BSC026N08NS5 Datasheet
1Mb / 12P
   Optimized for Synchronous Rectification in server and desktop
Rev.2.1,2015-08-31
logo
Texas Instruments
TPS51513 TI-TPS51513 Datasheet
1Mb / 37P
[Old version datasheet]   SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com