Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPW60R070P6 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IPW60R070P6
Description  600V CoolMOS™ P6 Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R070P6 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IPW60R070P6 Datasheet HTML 4Page - Infineon Technologies AG IPW60R070P6 Datasheet HTML 5Page - Infineon Technologies AG IPW60R070P6 Datasheet HTML 6Page - Infineon Technologies AG IPW60R070P6 Datasheet HTML 7Page - Infineon Technologies AG IPW60R070P6 Datasheet HTML 8Page - Infineon Technologies AG IPW60R070P6 Datasheet HTML 9Page - Infineon Technologies AG IPW60R070P6 Datasheet HTML 10Page - Infineon Technologies AG IPW60R070P6 Datasheet HTML 11Page - Infineon Technologies AG IPW60R070P6 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
600VCoolMOS™P6PowerTransistor
IPW60R070P6
Rev.2.0,2014-03-07
Final Data Sheet
5Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
Ptot=f(TC)
Diagram2:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
102
103
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram3:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
102
103
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=80°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-5
10-4
10-3
10-2
10-1
100
10-3
10-2
10-1
100
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tP);parameter:D=tp/T


Similar Part No. - IPW60R070P6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPW60R070P6 ISC-IPW60R070P6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPW60R070P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R650P6S INFINEON-IPL60R650P6S Datasheet
1Mb / 14P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-07-08
IPL60R180P6 INFINEON-IPL60R180P6 Datasheet
1Mb / 15P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-05-16
IPL60R210P6 INFINEON-IPL60R210P6 Datasheet
1Mb / 15P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-05-16
IPL60R360P6S INFINEON-IPL60R360P6S Datasheet
1Mb / 14P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-07-08
IPW60R041P6 INFINEON-IPW60R041P6 Datasheet
1Mb / 15P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-03-07
IPX60R099P6 INFINEON-IPX60R099P6 Datasheet
2Mb / 18P
   600V CoolMOS??P6 Power Transistor
Rev.2.1,2015-05-18
IPD60R1K5CE INFINEON-IPD60R1K5CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R650CE INFINEON-IPA60R650CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R800CE INFINEON-IPD60R800CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD40R385CP INFINEON-IPD40R385CP_V01 Datasheet
380Kb / 11P
   600V CoolMOS™ CP Power Transistor
Rev. 2.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com