Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP50R280CE Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPP50R280CE
Description  500V CoolMOS™ CE Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP50R280CE Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPP50R280CE Datasheet HTML 3Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 4Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 5Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 6Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 7Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 8Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 9Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 10Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
500VCoolMOS™CEPowerTransistor
IPW50R280CE,IPP50R280CE
Rev.2.1,2014-06-06
Final Data Sheet
5Electricalcharacteristicsdiagrams
Powerdissipation(NonFullPAK)
TC[°C]
0
40
80
120
160
0
10
20
30
40
50
60
70
80
90
100
Ptot=f(TC)
Max.transientthermalimpedance(NonFullPAK)
tp[s]
10-5
10-4
10-3
10-2
10-1
10-2
10-1
100
101
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tP);parameter:D=tp/T
Safeoperatingarea(NonFullPAK)Tj=25°C
VDS[V]
100
101
102
103
10-2
10-1
100
101
102
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Safeoperatingarea(NonFullPAK)Tj=80°C
VDS[V]
100
101
102
103
10-2
10-1
100
101
102
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=80°C;D=0;parameter:tp


Similar Part No. - IPP50R280CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP50R280CE INFINEON-IPP50R280CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
IPP50R280CE INFINEON-IPP50R280CE Datasheet
879Kb / 20P
   500V Superjunction MOSFET for Consumer and Lighting Applications
V1.0 April 2012
logo
Inchange Semiconductor ...
IPP50R280CE ISC-IPP50R280CE Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP50R280CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R500CE INFINEON-IPA50R500CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-06-12
IPA50R800CE INFINEON-IPA50R800CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPA50R950CE INFINEON-IPA50R950CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPP50R380CE INFINEON-IPP50R380CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPA50R280CE INFINEON-IPA50R280CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2
IPA50R380CE INFINEON-IPA50R380CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2, 2014-06-12
IPA50R650CE INFINEON-IPA50R650CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPP50R380CE INFINEON-IPP50R380CE Datasheet
2Mb / 17P
   500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPI50R380CE INFINEON-IPI50R380CE Datasheet
2Mb / 17P
   500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPA50R800CE INFINEON-IPA50R800CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com