Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1300940510 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300940510
Description  Bus-Drop Support Grip, Locking Bale, Cable Diameter 5.59-8.13mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300940510 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300940510 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/21/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300940510
Status:
Active
Overview:
Support Grips
Description:
Bus-Drop Support Grip, Locking Bale, Cable Diameter 5.59-8.13mm (.220-.320"),
Approximate Break Strength 498.95kg (1100 lbs)
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32159
UL
E76954
General
Product Family
Cable Grips
Series
130094
Eye Type
Locking Bale
O-Ring
N/A
Overview
Support Grips
Product Literature Order No
987650-8065
Product Name
Bus-Drop
Type
Support Grip
UPC
78678836580
Woodhead
Yes
Physical
Approximate Break Strength
498.95kg (1100 lbs)
Bale Length
0.305m (12.00")
Body Style
Straight
Cable Diameter
5.59-8.13mm (.220-.320")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Galvanized Steel
Mesh Length
0.089m (3.50")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
36580
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130094 Series
This document was generated on 10/21/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300940510

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300940510 MOLEX-1300940510 Datasheet
148Kb / 1P
   SUPPORT GRIPS BUS-DROP LOCKING BALE CLOSED MESH
2016/05/26
1300940510 MOLEX-1300940510 Datasheet
148Kb / 1P
   SUPPORT GRIPS BUS-DROP LOCKING BALE CLOSED MESH
2016/05/26
More results

Similar Description - 1300940510

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0511 MOLEX11-130094-0511 Datasheet
38Kb / 1P
   Bus-Drop Support Grip, Locking Bale, Cable Diameter 5.59-8.13mm
1300940511 MOLEX11-1300940511 Datasheet
31Kb / 1P
   Bus-Drop Support Grip, Locking Bale, Cable Diameter 5.59-8.13mm
130094-0510 MOLEX11-130094-0510 Datasheet
38Kb / 1P
   Bus-Drop Support Grip, Locking Bale, Cable Diameter 5.59-8.13mm
130094-0501 MOLEX11-130094-0501 Datasheet
37Kb / 1P
   Bus-Drop Support Grip, Single Eye, Cable Diameter 5.59-8.13mm
1300940501 MOLEX11-1300940501 Datasheet
30Kb / 1P
   Bus-Drop Support Grip, Single Eye, Cable Diameter 5.59-8.13mm
130094-0490 MOLEX11-130094-0490 Datasheet
37Kb / 1P
   Bus-Drop Support Grip, Single U Eye, Cable Diameter 5.59-8.13mm
1300940490 MOLEX11-1300940490 Datasheet
29Kb / 1P
   Bus-Drop Support Grip, Single U Eye, Cable Diameter 5.59-8.13mm
130094-0489 MOLEX11-130094-0489 Datasheet
37Kb / 1P
   Bus-Drop Support Grip, Single "U" Eye, Cable Diameter 5.59-8.13mm
1300940489 MOLEX11-1300940489 Datasheet
29Kb / 1P
   Bus-Drop Support Grip, Single U Eye, Cable Diameter 5.59-8.13mm
1300940521 MOLEX11-1300940521 Datasheet
31Kb / 1P
   Bus-Drop Support Grip, Locking Bale, Cable Diameter 23.88-31.75mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com